Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C57VI-GT3E Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT93C57VI-GT3E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C57VI-GT3E Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT93C57VI-GT3E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C57VI-GT3E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
CAT93C56/57
Doc. No. 1088, Rev. O
PIN CAPACITANCE
Symbol
Test
Conditions
Min
Typ
Max
Units
COUT(2)
Output Capacitance (DO)
VOUT=0V
5
pF
CIN(2)
Input Capacitance (CS, SK, DI, ORG)
VIN=0V
5
pF
INSTRUCTION SET
n
o
i
t
c
u
r
t
s
n
I
e
c
i
v
e
D
e
p
y
T
t
r
a
t
S
t
i
Be
d
o
c
p
O
s
s
e
r
d
d
Aa
t
a
D
s
t
n
e
m
m
o
C
8
x6
1
x8
x6
1
x
D
A
E
R6
5
C
3
9
)
1
(
10
10
A
-
8
A0
A
-
7
A0
A
N
A
s
s
e
r
d
d
A
d
a
e
R
7
5
C
3
91
0
10
A
-
7
A0
A
-
6
A
E
S
A
R
E6
5
C
3
9
)
1
(
11
10
A
-
8
A0
A
-
7
A0
A
N
A
s
s
e
r
d
d
A
r
a
e
l
C
7
5
C
3
91
1
10
A
-
7
A0
A
-
6
A
E
T
I
R
W6
5
C
3
9
)
1
(
11
00
A
-
8
A0
A
-
7
A0
D
-
7
D0
D
-
5
1
D0
A
N
A
s
s
e
r
d
d
A
e
t
i
r
W
7
5
C
3
91
1
00
A
-
7
A0
A
-
6
A0
D
-
7
D0
D
-
5
1
D
N
E
W
E6
5
C
3
9
)
1
(
10
0
X
X
X
X
X
1
1X
XX
X
X
X
X
1
1X
e
l
b
a
n
E
e
t
i
r
W
7
5
C
3
91
0
0
X
X
X
X
X
1
1X
X
X
X
X
X
1
1
S
D
W
E6
5
C
3
9
)
1
(
10
0
0
0X
X
X
X
XX
X0
0X
X
X
X
XX
e
l
b
a
s
i
D
e
t
i
r
W
7
5
C
3
91
0
0
0
0X
X
X
X
XX
0
0X
X
X
X
X
L
A
R
E6
5
C
3
9
)
1
(
10
0
10
X
X
X
X
XX
X10
X
X
X
X
XX
s
e
s
s
e
r
d
d
A
ll
A
r
a
e
l
C
7
5
C
3
91
0
0
10
X
X
X
X
X
X
10
X
X
X
X
X
L
A
R
W6
5
C
3
9
)
1
(
10
0
0X
X
X
X
X
1X
X0
X
X
X
X
X
1X
0
D
-
7
D0
D
-
5
1
Ds
e
s
s
e
r
d
d
A
ll
A
e
t
i
r
W
7
5
C
3
91
0
0
0X
X
X
X
X
1X
0
X
X
X
X
X
1
0
D
-
7
D0
D
-
5
1
D
Limits
VCC =VCC =VCC =
1.8V-5.5V
2.5V-5.5V
4.5V-5.5V
Test
Symbol
Parameter
Conditions
Min
Max
Min
Max
Min
Max
Units
tCSS
CS Setup Time
200
100
50
ns
tCSH
CS Hold Time
0
0
0
ns
tDIS
DI Setup Time
400
200
100
ns
tDIH
DI Hold Time
400
200
100
ns
tPD1
Output Delay to 1
1
0.5
0.25
µs
tPD0
Output Delay to 0
1
0.5
0.25
µs
tHZ(1)
Output Delay to High-Z
400
200
100
ns
tEW
Program/Erase Pulse Width
10
10
10
ms
tCSMIN
Minimum CS Low Time
1
0.5
0.25
µs
tSKHI
Minimum SK High Time
1
0.5
0.25
µs
tSKLOW
Minimum SK Low Time
1
0.5
0.25
µs
tSV
Output Delay to Status Valid
1
0.5
0.25
µs
SKMAX
Maximum Clock Frequency
DC
250
DC
500
DC
1000
kHz
A.C. CHARACTERISTICS
CL = 100pF
(3)
Note:
(1)
Address bit A8 for 256x8 ORG and A7 for 128x16 ORG are "Don't Care" bits, but must be kept at either a "1" or "0" for READ, WRITE
and ERASE commands.
(2)
This parameter is tested initially and after a design or process change that affects the parameter.


Similar Part No. - CAT93C57VI-GT3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C57VI-GT3E ONSEMI-CAT93C57VI-GT3E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C57VI-GT3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com