Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEP111FA Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100LVEP111FA
Description  2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP111FA Datasheet(HTML) 1 Page - ON Semiconductor

  MC100LVEP111FA Datasheet HTML 1Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 2Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 3Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 4Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 5Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 6Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 7Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 8Page - ON Semiconductor MC100LVEP111FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
November, 2006 − Rev. 13
1
Publication Order Number:
MC100LVEP111/D
MC100LVEP111
2.5V / 3.3V1:10 Differential
ECL/PECL/HSTL Clock Driver
Description
The MC100LVEP111 is a low skew 1−to−10 differential driver,
designed with clock distribution in mind, accepting two clock sources into
an input multiplexer. The PECL input signals can be either differential or
single−ended (if the VBB output is used). HSTL inputs can be used when
the LVEP111 is operating under PECL conditions.
The LVEP111 specifically guarantees low output−to−output skew.
Optimal design, layout, and processing minimize skew within a device and
from device to device.
To ensure tightest skew, both sides of differential outputs identically
terminate into 50
W even if only one output is being used. If an output
pair is unused, both outputs may be left open (unterminated) without
affecting skew.
The MC100LVEP111, as with most other ECL devices, can be
operated from a positive VCC supply in PECL mode. This allows the
LVEP111 to be used for high performance clock distribution in +3.3 V or
+2.5 V systems. Single−ended CLK input operation is limited to a VCC
3.0 V in PECL mode, or VEE v −3.0 V in NECL mode. Designers can
take advantage of the LVEP111’s performance to distribute low skew
clocks across the backplane or the board. In a PECL environment, series
or Thevenin line terminations are typically used as they require no
additional power supplies. For more information on using PECL,
designers should refer to Application Note AN1406/D.
Features
85 ps Typical Device−to−Device Skew
20 ps Typical Output−to−Output Skew
Jitter Less than 1 ps RMS
Maximum Frequency > 3 Ghz Typical
VBB Output
430 ps Typical Propagation Delay
The 100 Series Contains Temperature Compensation
PECL and HSTL Mode Operating Range: VCC = 2.375 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −2.375 V to −3.8 V
Open Input Default State
LVDS Input Compatible
Fully Compatible with MC100EP111
Pb−Free Packages are Available
32
1
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
MC100
AWLYYWWG
LVEP111
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G= Pb−Free Package
QFN32
MN SUFFIX
CASE 488AM
32
1
MC100
LVEP111
ALYWG
1


Similar Part No. - MC100LVEP111FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111FA ONSEMI-MC100LVEP111FA Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
MC100LVEP111FAG ONSEMI-MC100LVEP111FAG Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEP111FAR2 ONSEMI-MC100LVEP111FAR2 Datasheet
131Kb / 8P
   Low-Voltage 1:10 Differential LVECL/LVPECL/LVEPECL/HSTL Clock Driver
December, 2008 ??Rev. 17
MC100LVEP111FARG ONSEMI-MC100LVEP111FARG Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
More results

Similar Description - MC100LVEP111FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com