Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT25C08YE-1.8-GT3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT25C08YE-1.8-GT3
Description  8K/16K SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C08YE-1.8-GT3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT25C08YE-1.8-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C08YE-1.8-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
CAT25C08/16
Doc. No. 1016, Rev. C
© 2006 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Status Register Bits
Array Address
Protection
BP1
BP0
Protected
0
0
None
No Protection
0
1
25C08: 0300-03FF
Quarter Array Protection
25C16: 0600-07FF
1
0
25C08: 0200-03FF
Half Array Protection
25C16: 0400-07FF
1
1
25C08: 0000-03FF
Full Array Protection
25C16: 0000-07FF
BLOCK PROTECTION BITS
76543210
WPEN
0
1
0
BP1
BP0
WEL
RDY
STATUS REGISTER
Protected
Unprotected
Status
WPEN
WP
WP
WP
WP
WP
WEL
Blocks
Blocks
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable
WRITE PROTECT ENABLE OPERATION
and the 25C08/16. Opcodes, byte addresses, or data
present on the SI pin are latched on the rising edge of the
SCK. Data on the SO pin is updated on the falling edge
of the SCK for SPI modes (0,0 & 1,1) .
CS
CS
CS
CS
CS: Chip Select
CS is the Chip select pin. CS low enables the CAT25C08/
16 and
CS high disables the CAT25C08/16. CS high
takes the SO output pin to high impedance and forces
the devices into a Standby Mode (unless an internal
write operation is underway) The CAT25C08/16 draws
ZERO current in the Standby mode. A high to low
transition on
CS is required prior to any sequence being
initiated. A low to high transition on
CS after a valid write
sequence is what initiates an internal write cycle.
BYTE ADDRESS
Device
Address Significant Bits
Address Don't Care Bits
# Address Clock Pulse
CAT25C08
A9 - A0
A15 - A10
16
CAT25C16
A10 - A0
A15 - A11
16


Similar Part No. - CAT25C08YE-1.8-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C08 CATALYST-CAT25C08 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C08P-1.8TE13 CATALYST-CAT25C08P-1.8TE13 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C08P-TE13 CATALYST-CAT25C08P-TE13 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C08PA-1.8TE13 CATALYST-CAT25C08PA-1.8TE13 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT25C08PA-TE13 CATALYST-CAT25C08PA-TE13 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results

Similar Description - CAT25C08YE-1.8-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
   8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
   8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
   8K/16K 2.5V SPI O Bus Serial EEPROM
1996
logo
Fairchild Semiconductor
FM25C160U FAIRCHILD-FM25C160U Datasheet
102Kb / 11P
   16K-Bit SPI??Interface Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
logo
Microchip Technology
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
   16K SPI Bus Serial EEPROM
2009
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
   16K SPI Bus Serial EEPROM
2006
logo
Renesas Technology Corp
R1EX25008ASA00G RENESAS-R1EX25008ASA00G Datasheet
587Kb / 22P
   Serial Peripheral Interface 8k EEPROM 16k EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com