Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL33MNR4 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVEL33MNR4
Description  3.3V ECL 첨4 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL33MNR4 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEL33MNR4 Datasheet HTML 1Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 2Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 3Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 4Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 5Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 6Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 7Page - ON Semiconductor MC100LVEL33MNR4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC100LVEL33
http://onsemi.com
4
Table 5. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 7)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
3.4
3.8
4.0
3.8
GHz
tPLH
tPHL
Propagation Delay
CLK to Q (Diff)
CLK to Q (SE)
Reset to Q
530
530
500
630
655
730
780
700
570
570
520
670
695
770
820
720
650
650
580
750
775
850
900
780
ps
tRR
Reset Recovery
300
300
300
ps
tskew
Duty Cycle Skew (Note 8)
20
20
20
ps
tJITTER
Cycle−to−Cycle Jitter
0.5
<1.0
0.5
<1.0
0.5
<1.0
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
120
320
120
320
120
320
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. VEE can vary ±0.3 V.
8. Duty cycle skew is the difference between TPLH and TPHL.
Figure 1. Timing Diagram
CLK
RESET
Q
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 3.0 V


Similar Part No. - MC100LVEL33MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL33D ONSEMI-MC100LVEL33D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL33DG ONSEMI-MC100LVEL33DG Datasheet
159Kb / 7P
   3.3 V ECL /4 Divider
July, 2016 ??Rev. 6
MC100LVEL33DR2G ONSEMI-MC100LVEL33DR2G Datasheet
159Kb / 7P
   3.3 V ECL /4 Divider
July, 2016 ??Rev. 6
MC100LVEL33DTG ONSEMI-MC100LVEL33DTG Datasheet
159Kb / 7P
   3.3 V ECL /4 Divider
July, 2016 ??Rev. 6
MC100LVEL33DTR2G ONSEMI-MC100LVEL33DTR2G Datasheet
159Kb / 7P
   3.3 V ECL /4 Divider
July, 2016 ??Rev. 6
More results

Similar Description - MC100LVEL33MNR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
logo
Arizona Microtek, Inc
AZ100LVEL33 AZM-AZ100LVEL33_11 Datasheet
113Kb / 8P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
logo
Arizona Microtek, Inc
AZ10LVEL33 AZM-AZ10LVEL33 Datasheet
127Kb / 10P
   ECL/PECL 첨4 Divider
logo
ON Semiconductor
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EP33 ONSEMI-MC10EP33 Datasheet
89Kb / 8P
   첨4 Divider
December, 1999 ??Rev. 1
MC10EL33 ONSEMI-MC10EL33 Datasheet
75Kb / 3P
   첨4 Divider
1996 REV 3
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
logo
ON Semiconductor
MC100LVEL38 ONSEMI-MC100LVEL38_06 Datasheet
123Kb / 7P
   3.3V ECL 첨2, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com