Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C56WA-1.8T2E Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT93C56WA-1.8T2E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56WA-1.8T2E Datasheet(HTML) 9 Page - Catalyst Semiconductor

  CAT93C56WA-1.8T2E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56WA-1.8T2E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Copyrights, Trademarks and Patents
Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP ™
AE2
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents
issued to Catalyst Semiconductor contact the Company’s corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS
PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE
RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING
OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or
other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a
situation where personal injury or death may occur.
Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets
labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale.
Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate
typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc.
Corporate Headquarters
1250 Borregas Avenue
Sunnyvale, CA 94089
Phone: 408.542.1000
Fax: 408.542.1200
www.catalyst-semiconductor.com
Publication #:
1088
Revison:
O
Issue date:
10/13/06
REVISION HISTORY
e
t
a
Dn
o
i
s
i
v
e
Rs
t
n
e
m
m
o
C
4
0
/
4
1
/
5
0L
s
t
r
a
P
.
6
8
/
6
6
/
7
5
/
6
5
/
6
4
C
3
9
T
A
C
m
o
r
F
d
e
t
a
e
r
C
t
e
e
h
S
a
t
a
D
w
e
N
d
n
a
6
7
C
3
9
T
A
C
,
6
6
C
3
9
T
A
C
,
7
5
C
3
9
T
A
C
,
6
5
C
3
9
T
A
C
,
6
5
C
3
9
T
A
C
s
t
e
e
h
s
a
t
a
d
e
l
g
n
i
s
o
t
n
i
d
e
t
a
t
r
a
p
e
s
n
e
e
b
e
v
a
h
6
8
C
3
9
T
A
C
4
0
/
7
/
0
1M
t
e
S
n
o
i
t
c
u
r
t
s
n
I
d
e
t
a
d
p
U
5
0
/
8
1
/
3
0N
n
o
i
t
p
i
r
c
s
e
D
d
e
t
a
d
p
U
6
0
/
3
1
/
0
1O
s
e
r
u
t
a
e
F
e
t
a
d
p
U
n
o
i
t
a
r
u
g
i
f
n
o
C
n
i
P
e
t
a
d
p
U
l
o
b
m
y
S
l
a
n
o
i
t
c
n
u
F
e
t
a
d
p
U
s
n
o
i
t
c
n
u
F
n
i
P
e
t
a
d
p
U
V
(
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
g
n
i
t
a
r
e
p
O
.
C
.
D
e
t
a
d
p
U
C
C
)
e
g
n
a
R
V
(
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
.
C
.
A
e
t
a
d
p
U
C
C
)
e
g
n
a
R
s
n
o
i
t
a
m
r
o
f
n
I
g
n
i
r
e
d
r
O
e
t
a
d
p
U


Similar Part No. - CAT93C56WA-1.8T2E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT93C56WA CATALYST-CAT93C56WA Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
More results

Similar Description - CAT93C56WA-1.8T2E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com