Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT808NTBI-31T3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT808NTBI-31T3
Description  Low-Power Precision Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT808NTBI-31T3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

  CAT808NTBI-31T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT808NTBI-31T3 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CAT808
© 2006 Catalyst Semiconductor, Inc.
7
Doc. No. 3024 Rev. A
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
Temperature Range
I = Industrial (-40°C to 85°C)
Prefix
Device #
Suffix
Product Number
808N
Package
TB: TSOT-23-5
TF: SOT-89
Optional
Company ID
Lead Finish
G: NiPdAu
Blank: Matte-Tin
Voltage Detection Level
-20: 2.0V
-32: 3.2V
808N
TB
I
-27
CAT
Tape & Reel
T: Tape & Reel
1: 1000 Reel
3: 3000 Reel
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard finish is NiPdAu.
(3) The device used in the above example is a CAT808NTBI-27-GT3 (TSOT-23-5, Industrial Temperature, 2.7V Detection Level, NiPdAu,
Tape & Reel).
(4) For additional detection voltage, package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
TOP MARKING
Part Number
Package
Detection Voltage
Top Marking
CAT808NTBI-27-G
TSOT-23-5
2.70
MVym
CAT808NTBI-32-G
TSOT-23-5
3.20
MVym
CAT808NTFI-27
SOT-89
2.70
AAxxx
CAT808NTFI-32
SOT-89
3.20
AAxxx
Notes:
(1) ym – Year and Month Code.
(2) xxx – Assembly location code and last 2 digits of assembly lot code.
(3) SOT-89 is offered in Matte-Tin only.


Similar Part No. - CAT808NTBI-31T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT808NTDI-25GT3 ONSEMI-CAT808NTDI-25GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-27GT3 ONSEMI-CAT808NTDI-27GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-32GT3 ONSEMI-CAT808NTDI-32GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
CAT808NTDI-35GT3 ONSEMI-CAT808NTDI-35GT3 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
More results

Similar Description - CAT808NTBI-31T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT808 ONSEMI-CAT808 Datasheet
217Kb / 7P
   Low-Power Precision Voltage Detector
Doc. No. MD-3024 Rev. F
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
SHANGHAI BELLING CO., L...
BL8504 BELLING-BL8504 Datasheet
383Kb / 10P
   High-Precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com