Electronic Components Datasheet Search |
|
CAT25C05 Datasheet(PDF) 6 Page - Catalyst Semiconductor |
|
CAT25C05 Datasheet(HTML) 6 Page - Catalyst Semiconductor |
6 / 12 page Discontinued Parts 6 CAT25C11/03/05/09/17 Doc. No. 1017, Rev. L © 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice Figure 2. WREN Instruction Timing Figure 3. WRDI Instruction Timing operation to the status register. The WP pin function is blocked when the WPEN bit is set to 0. Figure 10 illustrates the WP timing sequence during a write operation. HOLD HOLD HOLD HOLD HOLD: Hold HOLD is the HOLD pin. The HOLD pin is used to pause transmission to the CAT25C11/03/05/09/17 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK is low. HOLD should be held high any time this function is not being used. HOLD may be tied high directly to VCC or tied to VCC through a resistor. Figure 9 illustrates hold timing sequence. STATUS REGISTER The Status Register indicates the status of the device. The RDY (Ready) bit indicates whether the CAT25C11/ SK SI CS SO 00000 11 0 HIGH IMPEDANCE SK SI CS SO 00000 10 0 HIGH IMPEDANCE Note: Dashed Line= mode (1, 1) – – – – Note: Dashed Line= mode (1, 1) – – – – 03/05/09/17 is busy with a write operation. When set to 1 a write cycle is in progress and when set to 0 the device indicates it is ready. This bit is read only the WEL (Write Enable) bit indicates the status of the write enable latch. When set to 1, the device is in a Write Enable state and when set to 0 the device is in a Write Disable state. The WEL bit can only be set by the WREN instruction and can be reset by the WRDI instruction. The BP0, BP1 and BP2 bits indicate which part of the memory array is currently protected. These bits are set by the user issuing the WRSR instruction. The user is allowed to protect from one page to as much as half the entire array. Once the three protection bits are set the associated memory can be read but not written until the protection bits are reset. These bits are non volatile. The WPEN (Write Protect Enable) is an enable b it for the WP pin. The WP pin and WPEN bit in the status register control the programmable hardware write protect fea- ture. Hardware write protection is enabled when WP is low and WPEN bit is set to high. The user cannot write to the status register, (including the block protect bits |
Similar Part No. - CAT25C05 |
|
Similar Description - CAT25C05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |