Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT93C56YA-GT2E Datasheet(PDF) 4 Page - Catalyst Semiconductor

Part # CAT93C56YA-GT2E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C56YA-GT2E Datasheet(HTML) 4 Page - Catalyst Semiconductor

  CAT93C56YA-GT2E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C56YA-GT2E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
CAT93C56/57
Doc. No. 1088, Rev. O
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.4V to 2.4V
4.5V
≤ VCC ≤ 5.5V
Timing Reference Voltages
0.8V, 2.0V
4.5V
≤ VCC ≤ 5.5V
Input Pulse Voltages
0.2VCC to 0.7VCC
1.8V
≤ VCC ≤ 4.5V
Timing Reference Voltages
0.5VCC
1.8V
≤ VCC ≤ 4.5V
POWER-UP TIMING (1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
(3) The input levels and timing reference points are shown in “AC Test Conditions” table.
DEVICE OPERATION
The CAT93C56/57 is a 2048-bit nonvolatile memory
intended for use with industry standard microproces-
sors. The CAT93C56/57 can be organized as either
registers of 16 bits or 8 bits. When organized as X16,
seven 10-bit instructions for 93C57; seven 11-bit
instructions for 93C56 control the reading, writing and
erase operations of the device. When organized as X8,
seven 11-bit instructions for 93C57; seven 12-bit in-
structions for 93C56 control the reading, writing and
erase operations of the device. The CAT93C56/57
operates on a single power supply and will generate
on chip, the high voltage required during any write
operation.
Instructions, addresses, and write data are clocked into
the DI pin on the rising edge of the clock (SK). The DO
pin is normally in a high impedance state except when
reading data from the device, or when checking the
ready/busy status after a write operation.
The ready/busy status can be determined after the start
of a write operation by selecting the device (CS high)
and polling the DO pin; DO low indicates that the
write operation is not completed, while DO high indi-
cates that the device is ready for the next instruction. If
necessary, the DO pin may be placed back into a high
impedance state during chip select by shifting a dummy
“1” into the DI pin. The DO pin will enter the high
impedance state on the falling edge of the clock (SK).
Placing the DO pin into the high impedance state is
recommended in applications where the DI pin and the
DO pin are to be tied together to form a common DI/O
pin.
The format for all instructions sent to the device is a
logical "1" start bit, a 2-bit (or 4-bit) opcode, 7-bit address
(93C57)/ 8-bit address (93C56) (an additional bit when
organized X8) and for write operations a 16-bit data field
(8-bit for X8 organizations).
Read
Upon receiving a READ command and an address
(clocked into the DI pin), the DO pin of the CAT93C56/
57 will come out of the high impedance state and, after
sending an initial dummy zero bit, will begin shifting out
the data addressed (MSB first). The output data bits will
toggle on the rising edge of the SK clock and are stable
after the specified time delay (tPD0 or tPD1).
Write
After receiving a WRITE command, address and the
data, the CS (Chip Select) pin must be deselected for a
minimum of tCSMIN. The falling edge of CS will start the
self clocking clear and data store cycle of the memory
location specified in the instruction. The clocking of the
SK pin is not necessary after the device has entered the
self clocking mode. The ready/busy status of the
CAT93C56/57 can be determined by selecting the device
and polling the DO pin. Since this device features Auto-
Clear before write, it is NOT necessary to erase a
memory location before it is written into.


Similar Part No. - CAT93C56YA-GT2E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C56YA-GT2E ONSEMI-CAT93C56YA-GT2E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C56YA-GT2E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com