Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVEL29 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100LVEL29
Description  3.3V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL29 Datasheet(HTML) 4 Page - ON Semiconductor

  MC100LVEL29_06 Datasheet HTML 1Page - ON Semiconductor MC100LVEL29_06 Datasheet HTML 2Page - ON Semiconductor MC100LVEL29_06 Datasheet HTML 3Page - ON Semiconductor MC100LVEL29_06 Datasheet HTML 4Page - ON Semiconductor MC100LVEL29_06 Datasheet HTML 5Page - ON Semiconductor MC100LVEL29_06 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100LVEL29
http://onsemi.com
4
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 7)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.1
1.1
1.1
GHz
tPLH
tPHL
Propagation Delay
CLK
to Output
S, R
480
480
680
700
500
500
580
700
720
520
520
720
740
ps
tS
tH
Setup Time
Hold Time
0
100
0
100
0
100
ps
tRR
Set/Reset Recovery
100
100
100
ps
tPW
Minimum Pulse Width
CLK, Set, Reset
400
400
400
ps
tJITTER
Cycle−to−Cycle Jitter
TBD
TBD
TBD
ps
VPP
Input Swing (Note 8)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
280
550
280
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
7. VEE can vary ±0.3 V.
8. VPP(min) is the minimum input swing for which AC parameters guaranteed.
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100LVEL29_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVEL29DWG ONSEMI-MC100LVEL29DWG Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL29DWR2G ONSEMI-MC100LVEL29DWR2G Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL29 ONSEMI-MC100LVEL29_16 Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
More results

Similar Description - MC100LVEL29_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29_06 Datasheet
173Kb / 11P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
December, 2006 ??Rev. 4
MC100EL29 ONSEMI-MC100EL29_06 Datasheet
116Kb / 6P
   5V ECL Dual Differential Data and Clock D Flip?묯lop With Set and Reset
October, 2006 ??Rev. 4
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EP29 ONSEMI-MC10EP29_14 Datasheet
111Kb / 10P
   ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
April, 2014 ??Rev. 9
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com