Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C0A1LATE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24C0A1LATE13
Description  1K-Bit Serial EEPROM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C0A1LATE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24C0A1LATE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C0A1LATE13 Datasheet HTML 8Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Discontinued
Part
CAT24C01B
3
Doc. No. 1081, Rev. E
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A.C. CHARACTERISTICS
VCC = +1.8V to +6.0V, CL=1TTL Gate and 100pF (unless otherwise specified).
Read & Write Cycle Limits
Symbol
Parameter
1.8V, 2.5V
4.5V-5.5V
Min
Max
Min
Max
Units
FSCL
Clock Frequency
100
400
kHz
TI(1)
Noise Suppression Time
100
100
ns
Constant at SCL, SDA Inputs
tAA
SCL Low to SDA Data Out
3.5
1
µs
and ACK Out
tBUF(1)
Time the Bus Must be Free Before
4.7
1.2
µs
a New Transmission Can Start
tHD:STA
Start Condition Hold Time
4
0.6
µs
tLOW
Clock Low Period
4.7
1.2
µs
tHIGH
Clock High Period
4
0.6
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
250
100
ns
tR(1)
SDA and SCL Rise Time
1
0.3
µs
tF(1)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4.7
0.6
µs
tDH
Data Out Hold Time
100
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its input.
Write Cycle Limits
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
10
ms
Power-Up Timing(1)(2)
Symbol
Parameter
Max
Units
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms


Similar Part No. - CAT24C0A1LATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C00 CATALYST-CAT24C00 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00JETE13 CATALYST-CAT24C00JETE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00JITE13 CATALYST-CAT24C00JITE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00LETE13 CATALYST-CAT24C00LETE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
CAT24C00LITE13 CATALYST-CAT24C00LITE13 Datasheet
414Kb / 10P
   128-bit Serial EEPROM
More results

Similar Description - CAT24C0A1LATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C01B CATALYST-CAT24C01B Datasheet
40Kb / 7P
   1K-Bit Serial EEPROM
logo
STMicroelectronics
TS59C11 STMICROELECTRONICS-TS59C11 Datasheet
168Kb / 8P
   1K BIT SERIAL CMOS EEPROM
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Microchip Technology
93C06 MICROCHIP-93C06 Datasheet
432Kb / 8P
   256 Bit/1K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Microchip Technology
24AA014 MICROCHIP-24AA014 Datasheet
337Kb / 24P
   1K I2C??Serial EEPROM
2005
24AA01T MICROCHIP-24AA01T Datasheet
338Kb / 24P
   1K I2C Serial EEPROM
2003
24AA014 MICROCHIP-24AA014_09 Datasheet
528Kb / 30P
   1K I2C??Serial EEPROM
2009
24AA01 MICROCHIP-24AA01_07 Datasheet
417Kb / 26P
   1K I2C??Serial EEPROM
2007
24VL014 MICROCHIP-24VL014 Datasheet
485Kb / 30P
   1K I2C??Serial EEPROM
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com