Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY329 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BY329
Description  Rectifier diodes fast, soft-recovery
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY329 Datasheet(HTML) 3 Page - NXP Semiconductors

  BY329 Datasheet HTML 1Page - NXP Semiconductors BY329 Datasheet HTML 2Page - NXP Semiconductors BY329 Datasheet HTML 3Page - NXP Semiconductors BY329 Datasheet HTML 4Page - NXP Semiconductors BY329 Datasheet HTML 5Page - NXP Semiconductors BY329 Datasheet HTML 6Page - NXP Semiconductors BY329 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY329F, BY329X series
fast, soft-recovery
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Maximum forward dissipation, P
F = f(IF(AV));
square wave current waveform; parameter D = duty
cycle = t
p/T.
Fig.3. Maximum forward dissipation, P
F = f(IF(AV));
sinusoidal current waveform; parameter a = form
factor = I
F(RMS)/IF(AV).
Fig.4. Maximum non-repetitive rms forward current.
I
F = f(tp); sinusoidal current waveform; Tj = 150˚C prior
to surge with reapplied V
RWM.
Fig.5. Typical and maximum forward characteristic;
I
F = f(VF); parameter Tj
Fig.6. Maximum Q
s at Tj = 25˚C and 150˚C
100%
time
dI
dt
F
I
R
I
F
I
rrm
trr
25%
Qs
1ms
10ms
0.1s
1s
10s
tp / s
IFS (RMS) / A
BY329
100
90
80
70
60
50
40
30
20
10
0
IFSM
0
1
BY229F
VF / V
IF / A
30
20
10
0
2
0.5
1.5
max
typ
Tj = 150 C
Tj = 25 C
0
2
4
6
8
10
12
BY329
IF(AV) / A
PF / W
20
15
10
5
0
Ths(max) / C
150
54
78
102
126
0.5
0.2
0.1
D = 1.0
D =
tp
tp
T
T
I
t
Vo = 1.25 V
Rs = 0.03 Ohms
1
100
BY329
-dIF/dt (A/us)
Qs / uC
10
1
0.1
10
2 A
IF = 10 A
10 A
1 A
1 A
2 A
Tj = 150 C
Tj = 25 C
0
2
4
6
8
BY329
IF(AV) / A
PF / W
15
10
5
0
4
2.8
2.2
1.9
a = 1.57
Ths(max) / C
150
78
102
126
Vo = 1.25 V
Rs = 0.03 Ohms
September 1998
3
Rev 1.100


Similar Part No. - BY329

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329-1200 PHILIPS-BY329-1200 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
List of Unclassifed Man...
BY329-1200 ETC2-BY329-1200 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Inchange Semiconductor ...
BY329-1200 ISC-BY329-1200 Datasheet
335Kb / 2P
   Ultrafast Rectifier
More results

Similar Description - BY329

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com