Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24FC16JETE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24FC16JETE13
Description  16-kb I2C Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC16JETE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24FC16JETE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC16JETE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Discontinued
Part
CAT24FC16
3
Doc No. 1054, Rev. I
Write Cycle Limits
Symbol
Parameter
MinTyp
Max
Un
its
tWR
Write Cycle Time
5
ms
A.C. CHARACTERISTICS
VCC = 2.5 V to 5.5 V, unless otherwise specified.
Read & Write Cycle Limits
Symbol
Parameter
2.5 V - 5.5 V
MinMax
Un
its
FSCL
Clock Frequency
400
kHz
TI(1)
Noise Suppression Time Constant at SCL, SDA Inputs
100
ns
tAA
SCL Low to SDA Data Out and ACK Out
900
ns
tBUF(1)
Time the Bus Must be Free Before a New Transmission
1300
ns
Can Start
tHD:STA
Start Condition Hold Time
600
ns
tLOW
Clock Low Period
1300
ns
tHIGH
Clock High Period
600
ns
tSU:STA
Start Condition Setup Time
600
ns
(for a Repeated Start Condition)
tHD:DAT
Data In Hold Time
0
ns
tSU:DAT
Data In Setup Time
100
ns
tR(1)
SDA and SCL Rise Time
300
ns
tF(1)
SDA and SCL Fall Time
300
ns
tSU:STO
Stop Condition Setup Time
600
ns
tDH
Data Out Hold Time
100
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Power-Up Timing(1)(2)
Symbol
Parameter
MinTyp
Max
Un
its
tPUR
Power-up to Read Operation
1
ms
tPUW
Power-up to Write Operation
1
ms
The write cycle time is the time from a valid stop
condition of a write sequence to the end of the internal
program/erase cycle. During the write cycle, the bus
interface circuits are disabled, SDA is allowed to remain
high, and the device does not respond to its slave
address.


Similar Part No. - CAT24FC16JETE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC16JETE13REV-F CATALYST-CAT24FC16JETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC16JETE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com