Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100LVE111FNG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100LVE111FNG
Description  3.3V ECL 1:9 Differential Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE111FNG Datasheet(HTML) 5 Page - ON Semiconductor

  MC100LVE111FNG Datasheet HTML 1Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 2Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 3Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 4Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 5Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 6Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 7Page - ON Semiconductor MC100LVE111FNG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC100LVE111
http://onsemi.com
5
Table 6. AC CHARACTERISTICS VCC = 3.3 V; VEE = 0 V or VCC = 0 V; VEE = −3.3 V (Note 8)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
> 1.5
> 1.5
> 1.5
GHz
tPLH
tPHL
Propagation Delay to Output
IN (Differential Configuration) (Note 9)
sIN (Single−Ended) (Note 10)
400
350
650
700
440
390
630
680
445
395
635
685
ps
tskew
Within−Device Skew (Note 11)
Part−to−Part Skew
(Differential Configuration)
50
250
50
200
50
200
ps
tJITTER
Cycle−to−Cycle Jitter
0.2
< 1
0.2
< 1
0.2
< 1
ps
VPP
Input Swing (Note 12)
500
1000
500
1000
500
1000
mV
tr/tf
Output Rise/Fall Time (20%−80%)
200
600
200
600
200
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. VEE can vary ±0.3 V.
9. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
10.The single−ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
11. The within−device skew is defined as the worst case difference between any two similar delay paths within a single device.
12.VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the E111 as a differential input as low as 50 mV will still produce full ECL levels at the output.
0
100
200
300
400
500
600
700
800
900
0
300
600
900
1200
1500
1800
2100
2400
1
2
3
4
5
6
7
8
9
Figure 3. Fmax/Jitter
FREQUENCY (MHz)
(JITTER)


Similar Part No. - MC100LVE111FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE111FNG ONSEMI-MC100LVE111FNG Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
More results

Similar Description - MC100LVE111FNG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_13 Datasheet
132Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
April, 2013 ??Rev. 8
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
logo
Arizona Microtek, Inc
AZ10E111 AZM-AZ10E111 Datasheet
91Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_06 Datasheet
143Kb / 10P
   5V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 16
logo
Arizona Microtek, Inc
AZ10LVE111 AZM-AZ10LVE111 Datasheet
84Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver
logo
Micrel Semiconductor
SY10E111AE MICREL-SY10E111AE_09 Datasheet
157Kb / 7P
   5V/3.3V 1:9 DIFFERENTIAL CLOCK DRIVER
logo
Arizona Microtek, Inc
AZ10LVE111E AZM-AZ10LVE111E Datasheet
103Kb / 6P
   ECL/PECL 1:9 Differential Clock Driver with Enable
logo
Motorola, Inc
MC100LVE111 MOTOROLA-MC100LVE111 Datasheet
88Kb / 5P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
logo
Semtech Corporation
SK10LVE111 SEMTECH-SK10LVE111 Datasheet
150Kb / 6P
   Low Voltage 1:9 Differential ECL/ PECL Clock Driver
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111 Datasheet
64Kb / 8P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/PECL CLOCK DRIVER
April, 2002 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com