Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24FC16 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24FC16
Description  16-kb I2C Serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24FC16 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24FC16_05 Datasheet HTML 1Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 2Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 3Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 4Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 5Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 6Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 7Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 8Page - Catalyst Semiconductor CAT24FC16_05 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Discontinued
Part
1
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
Doc. No. 1054, Rev. I
CAT24FC16
16-kb I2C Serial EEPROM
ALO
GEN FR
TM
LEAD FREE
* Catalyst Semiconductor is licensed by Philips Corporation
to carry the I2C Bus Protocol.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
NC
No Connect
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
2.5 V to 5.5 V Power Supply
VSS
Ground
DIP Package (P, L)
TSSOP Package (U, Y)
SOIC Package (J, W)
FEATURES
I 400 kHz (2.5 V) I2C bus compatible
I 2.5 to 5.5 volt operation
I Low power CMOS technology
I 16-byte page write buffer
I Industrial and extended temperature ranges
I Self-timed write cycle with auto-clear
I 1,000,000 program/erase cycles
I 100 year data retention
I 8-pin DIP, SOIC, TSSOP, MSOP and TDFN
packages
- “Green” package option available
I 2,048 x 8 memory organization
I Hardware write protect
DESCRIPTION
The CAT24FC16 is a 16-kb Serial CMOS EEPROM
internally organized as 2048 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces device power requirements. The CAT24FC16
features a 16-byte page write buffer. The device operates
via the I2C bus serial interface and is available in 8-pin
DIP, SOIC, TSSOP, MSOP and TDFN packages.
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
E2PROM
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
SCL
SDA
WP
TDFN Package (RD4, ZD4)
8
7
6
5
1
2
3
4
NC
NC
NC
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
NC
NC
NC
VSS
VCC
WP
SCL
SDA
MSOP Package (R, Z)
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
NC
NC
NC
VSS
NC
NC
NC
VSS
8
7
6
5
VCC
WP
SCL
SDA
1
2
3
4
NC
NC
NC
VSS


Similar Part No. - CAT24FC16_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC16JETE13REV-F CATALYST-CAT24FC16JETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16JITE13REV-F CATALYST-CAT24FC16JITE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16LETE13REV-F CATALYST-CAT24FC16LETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16LITE13REV-F CATALYST-CAT24FC16LITE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
CAT24FC16PETE13REV-F CATALYST-CAT24FC16PETE13REV-F Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
More results

Similar Description - CAT24FC16_05

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC17 CATALYST-CAT24FC17 Datasheet
452Kb / 10P
   16-kb I2C Serial EEPROM
CAT24FC16 CATALYST-CAT24FC16 Datasheet
419Kb / 11P
   16-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24AA16 ONSEMI-CAT24AA16_18 Datasheet
211Kb / 11P
   EEPROM Serial 16-Kb I2C
May, 2018 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24AA16 ONSEMI-CAT24AA16 Datasheet
162Kb / 10P
   16-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 1
LE2416DXA ONSEMI-LE2416DXA Datasheet
295Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01 Datasheet
407Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24FC01 CATALYST-CAT24FC01_05 Datasheet
628Kb / 10P
   1-kb I2C Serial EEPROM
logo
ON Semiconductor
CAT24C512 ONSEMI-CAT24C512_18 Datasheet
421Kb / 21P
   EEPROM Serial 512-Kb I2C
May, 2018 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com