Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT24C23ZD2I-GT3 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT24C23ZD2I-GT3
Description  32-Kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C23ZD2I-GT3 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT24C23ZD2I-GT3 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C23ZD2I-GT3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CAT24C32
3
Doc No. 1101, Rev. G
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
A.C. CHARACTERISTICS(1)
VCC = 1.8 V to 5.5 V, TA
= 1.8 V to 5.5 V, T
= 1.8 V to 5.5 V, T = -40°C to 85°C.
A
A
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
μs
tLOW
Low Period of SCL Clock
4.7
1.3
μs
tHIGH
High Period of SCL Clock
4
0.6
μs
tSU:STA
START Condition Setup Time
4.7
0.6
μs
tHD:DAT
Data In Hold Time
0
0
μs
tSU:DAT
Data In Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
tF(2)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
μs
tBUF
Bus Free Time Between STOP and START
4.7
1.3
μs
tAA
SCL Low to Data Out Valid
3.5
0.9
μs
tDH
Data Out Hold Time
100
100
ns
Ti(2)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
μs
tHD:WP
WP Hold Time
2.5
2.5
μs
tWR
Write Cycle Time
5
5
ms
tPU(2, 3)
Power-up to Ready Mode
1
1
ms
Note:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA (V
OL
OL
CC
2.5 V); IOL = 1 mA (V
OL
OL
CC < 2.5 V); CL = 100 pF
LL


Similar Part No. - CAT24C23ZD2I-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C208 CATALYST-CAT24C208 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208 ONSEMI-CAT24C208 Datasheet
134Kb / 10P
   8 kb Dual Port Serial EEPROM
September, 2009 ??Rev. 6
CAT24C208 ONSEMI-CAT24C208 Datasheet
187Kb / 11P
   EEPROM Serial 8-Kb I2C Dual Port
May, 2018 ??Rev. 7
logo
Catalyst Semiconductor
CAT24C208WI-GT3 CATALYST-CAT24C208WI-GT3 Datasheet
202Kb / 13P
   8-Kb Dual Port Serial EEPROM
logo
ON Semiconductor
CAT24C208WI-GT3 ONSEMI-CAT24C208WI-GT3 Datasheet
134Kb / 10P
   8 kb Dual Port Serial EEPROM
September, 2009 ??Rev. 6
More results

Similar Description - CAT24C23ZD2I-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE2432RDXA ONSEMI-LE2432RDXA Datasheet
353Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAT24C32 ONSEMI-CAT24C32_15 Datasheet
144Kb / 16P
   32-Kb I2C CMOS Serial EEPROM
June, 2015 ??Rev. 24
N24C32 ONSEMI-N24C32 Datasheet
89Kb / 10P
   32 Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAT24C32WI-G ONSEMI-CAT24C32WI-G Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32 Datasheet
182Kb / 14P
   32-Kb I2C CMOS Serial EEPROM
July, 2010 ??Rev. 12
LE2432DXA ONSEMI-LE2432DXA Datasheet
310Kb / 17P
   32 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
CAV24C32 ONSEMI-CAV24C32_16 Datasheet
113Kb / 12P
   32-Kb I2C CMOS Serial EEPROM
February, 2016 ??Rev. 2
CAT24C32 ONSEMI-CAT24C32_12 Datasheet
182Kb / 17P
   32-Kb I2C CMOS Serial EEPROM
August, 2012 ??Rev. 15
CAT24C32 ONSEMI-CAT24C32_18 Datasheet
405Kb / 22P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 26
CAV24C32 ONSEMI-CAV24C32_18 Datasheet
319Kb / 17P
   EEPROM Serial 32-Kb I2C
May, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com