Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT150161SWI-GT3 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT150161SWI-GT3
Description  Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT150161SWI-GT3 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT150161SWI-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 10Page - Catalyst Semiconductor CAT150161SWI-GT3 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
CAT15008, CAT15016
© 2007 Catalyst Semiconductor, Inc.
7
Doc. No. 1125 Rev. A
Characteristics subject to change without notice
STATUS REGISTER
The Status Register, as shown in Table 2, contains a
number of status and control bits.
The RDY
¯¯¯¯ (Ready) bit indicates whether the device is
busy with a write operation. This bit is automatically
set to 1 during an internal write cycle, and reset to 0
when the device is ready to accept commands. For
the host, this bit is read only.
The WEL (Write Enable Latch) bit is set/reset by the
WREN/WRDI commands. When set to 1, the device is
in a Write Enable state and when set to 0, the device
is in a Write Disable state.
The BP0 and BP1 (Block Protect) bits determine which
blocks are currently write protected. They are set by the
user with the WRSR command and are non-volatile. The
user is allowed to protect a quarter, one half or the entire
memory, by setting these bits according to Table 3. The
protected blocks then become read-only.
The WPEN (Write Protect Enable) bit acts as an enable
for the WP
¯¯¯ pin. Hardware write protection is enabled
when the WP
¯¯¯ pin is low and the WPEN bit is 1. This
condition prevents writing to the status register and to
the block protected sections of memory. While
hardware write protection is active, only the non-block
protected memory can be written. Hardware write
protection is disabled when the WP
¯¯¯ pin is high or the
WPEN bit is 0. The WPEN bit, WP
¯¯¯ pin and WEL bit
combine to either permit or inhibit Write operations, as
detailed in Table 4.
Table 2. Status Register
7
6
5
4
3
2
1
0
WPEN
0
0
0
BP1
BP0
WEL
RDY
¯¯¯¯
Table 3. Block Protection Bits
Status Register Bits
BP1
BP0
Array Address Protected
Protection
0
0
None
No Protection
15008: 0300-03FF
0
1
15016: 0600-07FF
Quarter Array Protection
15008: 0200-03FF
1
0
15016: 0400-07FF
Half Array Protection
15008: 0000-03FF
1
1
15016: 0000-07FF
Full Array Protection
Table 4. Write Protect Enable Operation
WPEN
WP
¯¯¯
WEL
Protected Blocks
Unprotected Blocks
Status Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - CAT150161SWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT150161SWI-GT3 ONSEMI-CAT150161SWI-GT3 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
More results

Similar Description - CAT150161SWI-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25080 ONSEMI-CAT25080 Datasheet
187Kb / 16P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 5
CAT25080LI-G ONSEMI-CAT25080LI-G Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAV25080YE-GT3 ONSEMI-CAV25080YE-GT3 Datasheet
160Kb / 13P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
November, 2011 ??Rev. 0
CAT25080LI ONSEMI-CAT25080LI Datasheet
188Kb / 19P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
August, 2012 ??Rev. 8
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
logo
Catalyst Semiconductor
CAT15002 CATALYST-CAT15002 Datasheet
304Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com