Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2550 Datasheet(PDF) 33 Page - Texas Instruments

Part # CC2550
Description  Single Chip Low Cost Low Power RF Transmitter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2550 Datasheet(HTML) 33 Page - Texas Instruments

Back Button CC2550_06 Datasheet HTML 29Page - Texas Instruments CC2550_06 Datasheet HTML 30Page - Texas Instruments CC2550_06 Datasheet HTML 31Page - Texas Instruments CC2550_06 Datasheet HTML 32Page - Texas Instruments CC2550_06 Datasheet HTML 33Page - Texas Instruments CC2550_06 Datasheet HTML 34Page - Texas Instruments CC2550_06 Datasheet HTML 35Page - Texas Instruments CC2550_06 Datasheet HTML 36Page - Texas Instruments CC2550_06 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
CC2550
PRELIMINARY Data Sheet (Rev.1.2)
SWRS039A
Page 33 of 54
interference from other systems operating in
the same frequency band. FHSS also combats
multipath fading.
CC2550 is highly suited for FHSS or multi-
channel systems due to its agile frequency
synthesizer
and
effective
communication
interface. Using the packet handling support
and data buffering is also beneficial in such
systems as these features will significantly
offload the host controller.
Charge pump current, VCO current and VCO
capacitance array calibration data is required
for
each
frequency
when
implementing
frequency hopping for
CC2550. There are 3
ways of obtaining the calibration data from the
chip:
1) Frequency hopping with calibration for each
hop. The PLL calibration time is approximately
720 µs.
2) Fast frequency hopping without calibration
for each hop can be done by calibrating each
frequency at startup and saving the resulting
FSCAL3
, FSCAL2 and FSCAL1 register values
in MCU memory. Between each frequency
hop, the calibration process can then be
replaced by writing the FSCAL3, FSCAL2 and
FSCAL1
register values corresponding to the
next RF frequency. The PLL turn on time is
approximately 90 µs.
3) Run calibration on a single frequency at
startup. Next write 0 to FSCAL3[5:4] to
disable the charge pump calibration. After
writing to FSCAL3[5:4] strobe SRX (or STX)
with MCSM0.FS_AUTOCAL = 1 for each new
frequency hop. That is, VCO current and VCO
capacitance calibration is done but not charge
pump current calibration. When charge pump
current calibration is disabled the calibration
time is reduced from approximately 720 µs to
approximately 150 µs.
There is a trade off between blanking time and
memory space needed for storing calibration
data in non-volatile memory. Solution 2) above
gives the shortest blanking interval, but
requires more memory space to store
calibration
values.
Solution
3)
gives
approximately 570 µs smaller blanking interval
than solution 1).
26.3
Wideband
Modulation
not
Using
Spread Spectrum
Digital modulation systems under FCC part
15.247 includes FSK and GFSK modulation.
A maximum peak output power of 1 W (+30
dBm) is allowed if the 6 dB bandwidth of the
modulated signal exceeds 500 kHz. In
addition, the peak power spectral density
conducted to the antenna shall not be greater
than +8 dBm in any 3 kHz band.
Operating at high data rates and high
frequency separation, the
CC2550 is suited for
systems targeting compliance with digital
modulation systems as defined by FCC part
15.247. An external power amplifier is needed
to increase the output above +1 dBm.
26.4
Data Burst Transmissions
The high maximum data rate of
CC2550 opens
up for burst transmissions. A low average data
rate link (e.g. 10 kbps), can be realized using a
higher over-the-air data rate. Buffering the
data and transmitting in bursts at high data
rate (e.g. 500 kbps) will reduce the time in
active mode, and hence also reduce the
average current consumption significantly.
Reducing the time in active mode will reduce
the likelihood of collisions with other 2.4 GHz
systems, e.g. WLAN.
26.5
Continuous Transmissions
In data streaming applications the
CC2550
opens up for continuous transmissions at 500
kbps effective data rate. As the modulation is
done with an I/Q up-converter with LO I/Q-
signals coming from a closed loop PLL, there
is no limitation in the length of a transmission.
(Open
loop
modulation
used
in
some
transceivers often prevents this kind of
continuous data streaming and reduces the
effective data rate.)
26.6
Spectrum Efficient Modulation
CC2500 also has the possibility to use
Gaussian
shaped
FSK
(GFSK).
This
spectrum-shaping feature improves adjacent
channel
power
(ACP)
and
occupied
bandwidth. In ‘true’ FSK systems with abrupt
frequency shifting, the spectrum is inherently
broad. By making the frequency shift ‘softer’,
the spectrum can be made significantly
narrower. Thus, higher data rates can be
transmitted in the same bandwidth using
GFSK.


Similar Part No. - CC2550_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550EMK TI-CC2550EMK Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550EMK TI1-CC2550EMK Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RST TI1-CC2550RST Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
More results

Similar Description - CC2550_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2500 TI-CC2500_06 Datasheet
1,016Kb / 84P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC1050 TI-CC1050_08 Datasheet
779Kb / 42P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050_07 Datasheet
591Kb / 40P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
CC1050 TI-CC1050 Datasheet
582Kb / 39P
[Old version datasheet]   Single Chip Very Low Power RF Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com