Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2500 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2500_06 Datasheet HTML 11Page - Texas Instruments CC2500_06 Datasheet HTML 12Page - Texas Instruments CC2500_06 Datasheet HTML 13Page - Texas Instruments CC2500_06 Datasheet HTML 14Page - Texas Instruments CC2500_06 Datasheet HTML 15Page - Texas Instruments CC2500_06 Datasheet HTML 16Page - Texas Instruments CC2500_06 Datasheet HTML 17Page - Texas Instruments CC2500_06 Datasheet HTML 18Page - Texas Instruments CC2500_06 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 15 of 83
6
Circuit Description
BIAS
PA
RBIAS
XOSC_Q1
XOSC_Q2
CSn
SI
SO (GDO1)
XOSC
SCLK
LNA
0
90
FREQ
SYNTH
ADC
ADC
RADIO CONTROL
RF_P
RF_N
GDO2
GDO0 (ATEST)
RC OSC
Figure 2:
CC2500 simplified block diagram
A simplified block diagram of
CC2500 is shown
in Figure 2.
CC2500
features a low-IF receiver. The
received RF signal is amplified by the low-
noise amplifier (LNA) and down-converted in
quadrature (I and Q) to the intermediate
frequency (IF). At IF, the I/Q signals are
digitised by the ADCs. Automatic gain control
(AGC), fine channel filtering, demodulation
bit/packet
synchronization
is
performed
digitally.
The transmitter part of
CC2500 is based on
direct synthesis of the RF frequency.
The
frequency
synthesizer
includes
a
completely on-chip LC VCO and a 90 degrees
phase shifter for generating the I and Q LO
signals to the down-conversion mixers in
receive mode.
A crystal is to be connected to XOSC_Q1 and
XOSC_Q2. The crystal oscillator generates the
reference frequency for the synthesizer, as
well as clocks for the ADC and the digital part.
A 4-wire SPI serial interface is used for
configuration and data buffer access.
The digital baseband includes support for
channel configuration, packet handling and
data buffering.
7
Application Circuit
Only a few external components are required
for using the
CC2500. The recommended
application circuit is shown in Figure 3. The
external components are described in Table
14, and typical values are given in Table 15.
Bias resistor
The bias resistor R171 is used to set an
accurate bias current.
Balun and RF matching
C122, C132, L121 and L131 form a balun that
converts the differential RF signal on
CC2500
to a single-ended RF signal. C121 and C131
are needed for DC blocking. Together with an
appropriate
LC
network,
the
balun
components also transform the impedance to
match a 50
antenna (or cable). Component
values for the RF balun and LC network are


Similar Part No. - CC2500_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500-CC2550DK TI1-CC2500-CC2550DK Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500-RTR1 TI-CC2500-RTR1 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500-RTR1 TI1-CC2500-RTR1 Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results

Similar Description - CC2500_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com