Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2500 Datasheet(PDF) 72 Page - Texas Instruments

Part # CC2500
Description  Single Chip Low Cost Low Power RF Transceiver
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2500 Datasheet(HTML) 72 Page - Texas Instruments

Back Button CC2500_06 Datasheet HTML 68Page - Texas Instruments CC2500_06 Datasheet HTML 69Page - Texas Instruments CC2500_06 Datasheet HTML 70Page - Texas Instruments CC2500_06 Datasheet HTML 71Page - Texas Instruments CC2500_06 Datasheet HTML 72Page - Texas Instruments CC2500_06 Datasheet HTML 73Page - Texas Instruments CC2500_06 Datasheet HTML 74Page - Texas Instruments CC2500_06 Datasheet HTML 75Page - Texas Instruments CC2500_06 Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 84 page
background image
CC2500
PRELIMINARY Data Sheet (Rev.1.2)
SWRS040A
Page 72 of 83
0x1F: WOREVT0 – Low byte Event0 timeout
Bit
Field Name
Reset
R/W
Description
7:0
EVENT0[7:0]
107 (0x6B)
R/W
Low byte of Event 0 timeout register.
The default Event 0 value gives 1.0 s timeout, assuming a
26.0 MHz crystal.
0x20: WORCTRL – Wake On Radio control
Bit
Field Name
Reset
R/W
Description
7
RC_PD
1
R/W
Power down signal to RC oscillator. When written to 0, automatic
initial calibration will be performed
6:4
EVENT1[2:0]
7 (111)
R/W
Timeout setting from register block. Decoded to Event 1 timeout.
RC oscillator clock frequency equals FXOSC/750, which is 34.7-36
kHz, depending on crystal frequency. The table below lists the
number of clock periods after Event 0 before Event 1 times out.
Setting
WOR_AUTOSYNC=0
WOR_AUTOSYNC=1
0 (000)
4 (0.111 – 0.115 ms)
NA
1 (001)
6 (0.167 – 0.173 ms)
NA
2 (010)
8 (0.222 – 0.230 ms)
NA
3 (011)
12 (0.333 – 0.346 ms)
NA
4 (100)
16 (0.444 – 0.462 ms)
NA
5 (101)
24 (0.667 – 0.692 ms)
NA
6 (110)
32 (0.889 – 0.923 ms)
NA
7 (111)
48 (1.333 – 1.385 ms)
NA
3
RC_CAL
1
R/W
Enables (1) or disables (0) the RC oscillator calibration.
Included for debug/test purposes only.
2
Reserved
R0
1:0
WOR_RES[1:0]
0 (00)
R/W
Controls the Event 0 resolution and maximum timeout of the WOR
module:
Setting
Resolution (1 LSB)
Max timeout
0 (00)
1 period (28 – 29 µs)
1.8 – 1.9 seconds
1 (01)
2
5 periods (0.89 – 0.92 ms)
58 – 61 seconds
2 (10)
Do not use
NA
3 (11)
Do not use
NA
0x21: FREND1 – Front end RX configuration
Bit
Field Name
Reset
R/W
Description
7:6
LNA_CURRENT[1:0]
1 (01)
R/W
Adjusts front-end LNA PTAT current output
5:4
LNA2MIX_CURRENT[1:0]
1 (01)
R/W
Adjusts front-end PTAT outputs
3:2
LODIV_BUF_CURRENT_RX[1:0]
1 (01)
R/W
Adjusts current in RX LO buffer (LO input to mixer)
1:0
MIX_CURRENT[1:0]
2 (10)
R/W
Adjusts current in mixer


Similar Part No. - CC2500_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC2500-CC2550DK TI-CC2500-CC2550DK Datasheet
740Kb / 59P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500-CC2550DK TI1-CC2500-CC2550DK Datasheet
1Mb / 61P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500-RTR1 TI-CC2500-RTR1 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500-RTR1 TI1-CC2500-RTR1 Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
More results

Similar Description - CC2500_06

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transceiver
logo
List of Unclassifed Man...
CC1100 ETC1-CC1100 Datasheet
804Kb / 70P
   CC1100 Single Chip Low Cost Low Power RF-Transceiver
logo
Texas Instruments
CC2550 TI-CC2550 Datasheet
882Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC2550 TI-CC2550_06 Datasheet
672Kb / 55P
[Old version datasheet]   Single Chip Low Cost Low Power RF Transmitter
CC1150 TI-CC1150 Datasheet
594Kb / 50P
[Old version datasheet]   Single Chip Low Cost Low Power RF-Transmitter
CC1101 TI1-CC1101_08 Datasheet
926Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC1101 TI-CC1101 Datasheet
979Kb / 94P
[Old version datasheet]   Low-Cost Low-Power Sub-1GHz RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
[Old version datasheet]   Low-Cost Low-Power 2.4 GHz RF Transceiver
CC1000 TI-CC1000 Datasheet
593Kb / 55P
[Old version datasheet]   Single Chip Very Low Power RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com