Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAT5126ZI-50-GT3 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT5126ZI-50-GT3
Description  One-Time Digitally Programmable 32 Tap Potentiometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5126ZI-50-GT3 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT5126ZI-50-GT3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 9Page - Catalyst Semiconductor CAT5126ZI-50-GT3 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CAT5126
Doc. No. 2129 Rev. A
6
© 2007 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
DETAILED DESCRIPTION
The CAT5126 devices are 10kΩ/50kΩ/100kΩ (end-to-
end resistance) digitally controlled potentiometers.
They have 32 tap positions that are accessible to the
wiper along the resistor array between RH and RL.
The wiper (RW) position is adjusted sequentially
through the tap positions using a simple 2-wire
interface. These digital potentiometers have an optional
one-time programmable feature that sets the POR
position of the wiper. The 2-wire interface can then be
disabled,
permanently
preventing
unwanted
adjustment.
DIGITAL INTERFACE OPERATION
The CAT5126 devices have two modes of operation
when the serial interface is active: increment mode
and decrement mode. The serial interface is only
active when CS
¯¯¯ is low.
The CS
¯¯¯ and U/D
¯ inputs control the position of the
wiper along the resistor array. When CS
¯¯¯ transitions
from high to low, the part goes into increment mode if
U/D
¯ is high (Figure 1), and into decrement mode if
U/D
¯ is low (Figure 2). Once the mode is set, the
device remains in that mode until CS
¯¯¯ goes high. A
low-to-high transition at the U/D
¯ increments or
decrements the wiper position depending on the
current mode.
The value of the counter is then stored and the wiper
position is maintained till the device is Powered down.
The wiper performs a make-before-break transition,
ensuring that there is never an open circuit during a
transition from one resistor tap to another. When the
wiper is at either end (max/min) of the resistor array,
additional transitions in the direction of the endpoint
do not change the counter value (the counter does not
wrap around).
One-Time Programming
The factory-set default position of the wiper on power-
up is tap 16. However, the power-up position can be
changed once using the one-time programming feature.
After the wiper is moved to the desired position, the
programming sequence is initiated by setting U/D
¯ high,
applying 10V to VPP, and then taking CS
¯¯¯ low. Five
pulses on CS
¯¯¯ (consisting of CS
¯¯¯ starting from low and
going high for tCH and then low for tCL) program the
device (Figure 3). The programming voltage should
then be taken to zero. After the device is programmed,
VPP can be set to zero or be allowed to float. The wiper
position is still adjustable, but always returns to this
programmed position on power-up.
Figure 1: Increment Mode Serial Interface Timing Diagram
Figure 2: Decrement Mode Serial Interface Timing Diagram
VDD
U/D
CS
VW
tUP
tCU
tCI
tIL
tIH
tIC
tIW
VDD
U/D
CS
VW
tUP
tCU
tCI
tIL
tIH
tIC
tIW


Similar Part No. - CAT5126ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5126ZI-50-GT3 CATALYST-CAT5126ZI-50-GT3 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5126ZI-50-GT3 ONSEMI-CAT5126ZI-50-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5126ZI-50-GT3 ONSEMI-CAT5126ZI-50-GT3 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
CAT5126ZI-50-GT3 ONSEMI-CAT5126ZI-50-GT3 Datasheet
168Kb / 9P
   One?릘ime Digital 32?릘ap Potentiometer (POT)
June, 2013 ??Rev. 4
More results

Similar Description - CAT5126ZI-50-GT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5126VP2I-10-GT3 ONSEMI-CAT5126VP2I-10-GT3 Datasheet
152Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. C
CAT5126 ONSEMI-CAT5126 Datasheet
628Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
Doc. No. MD-2129 Rev. D
logo
Catalyst Semiconductor
CAT5126 CATALYST-CAT5126_08 Datasheet
237Kb / 11P
   One-Time Digitally Programmable 32-Tap Potentiometer
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
logo
Catalyst Semiconductor
CAT5112 CATALYST-CAT5112_04 Datasheet
53Kb / 7P
   32-Tap Digitally Programmable Potentiometer
logo
ON Semiconductor
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com