Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY229F-800 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BY229F-800
Description  Rectifier diodes fast, soft-recovery
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY229F-800 Datasheet(HTML) 1 Page - NXP Semiconductors

  BY229F-800 Datasheet HTML 1Page - NXP Semiconductors BY229F-800 Datasheet HTML 2Page - NXP Semiconductors BY229F-800 Datasheet HTML 3Page - NXP Semiconductors BY229F-800 Datasheet HTML 4Page - NXP Semiconductors BY229F-800 Datasheet HTML 5Page - NXP Semiconductors BY229F-800 Datasheet HTML 6Page - NXP Semiconductors BY229F-800 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY229F, BY229X series
fast, soft-recovery
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 200 V/ 400 V/ 600 V/800 V
• Fast switching
• Soft recovery characteristic
I
F(AV) = 8 A
• High thermal cycling performance
• Isolated mounting tab
I
FSM ≤ 60 A
t
rr ≤ 135 ns
GENERAL DESCRIPTION
Glass-passivated double diffused rectifier diodes featuring low forward voltage drop, fast reverse recovery and soft
recovery characteristic. The devices are intended for use in TV receivers, monitors and switched mode power supplies.
The BY229F series is supplied in the conventional leaded SOD100 package.
The BY229X series is supplied in the conventional leaded SOD113 package.
PINNING
SOD100
SOD113
PIN
DESCRIPTION
1
cathode
2
anode
tab
isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BY229F- / BY229X-
200
400
600
800
V
RSM
Peak non-repetitive reverse
-
200
400
600
800
V
voltage
V
RRM
Peak repetitive reverse voltage
-
200
400
600
800
V
V
RWM
Crest working reverse voltage
-
150
300
500
600
V
V
R
Continuous reverse voltage
-
150
300
500
600
V
I
F(AV)
Average forward current
1
square wave;
δ = 0.5;
-
8
A
T
hs ≤ 83 ˚C
sinusoidal; a = 1.57;
-
7
A
T
hs ≤ 90 ˚C
I
F(RMS)
RMS forward current
-
11
A
I
FRM
Peak repetitive forward current
t = 25
µs; δ = 0.5;
-
16
A
T
hs ≤ 83 ˚C
I
FSM
Peak non-repetitive forward
t = 10 ms
-
60
A
current
t = 8.3 ms
-
66
A
sinusoidal; T
j = 150 ˚C
prior to surge; with
reapplied V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
18
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
1. Neglecting switching and reverse current losses.
k
a
12
12
case
12
case
September 1998
1
Rev 1.200


Similar Part No. - BY229F-800

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BY229F-800 ISC-BY229F-800 Datasheet
288Kb / 2P
   Fast Recovery Rectifier
More results

Similar Description - BY229F-800

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY229 PHILIPS-BY229 Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com