Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AGM2432D Datasheet(PDF) 6 Page - AZ Displays

Part No. AGM2432D
Description  SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AZDISPLAYS [AZ Displays]
Homepage  http://www.azdisplays.com
Logo 

AGM2432D Datasheet(HTML) 6 Page - AZ Displays

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AZ DISPLAYS, INC.
6
Power Supply Example
LCD
MODULE
VSS
VCTL
VR
0 V
VCC
LCD power
circuit
New driving
method LCD
driver
21.8V
Note: VCTL is about 0.4V
6
INTERFACE DEFINITION
PIN NO.
SIGNAL
LEVEL
FUNCTION
1
/RESET
H/L
Reset Signal
2
/RD
H/L
80 Series: Read Signal
68 Series: Enable Signal(E)
3
/WR
H/L
80 Series: Write Signal
68 Series: R/W Signal
4
/CS
H/L
Chip Select Signal
5
A0
H/L
Data Type Selection
6 ~ 13
DB0~DB7
H/L
Data Input(8 bits)
14
VDD
-
Power Supply for Logic(+5V or 3.3V)
15
VSS
-
Power Supply(Ground : 0V)
16
VCTL
-
Contrast Adjustment Input
17
NC
-
No Connection
18*
SK / X1
-
Serial Clock
Touch Panel Left Signal in X Axis
19*
DO / X2
-
Serial Data Output
Touch Panel Right Signal in X Axis
20*
DI / Y1
-
Serial Data Input
Touch Panel Upper Signal in Y Axis
21*
CS / Y2
-
T/P controller Chip Select. Active Low
Touch Panel Lower Signal in X Axis
22*
INT
-
Pen Interrupt
23
A
-
LED Anode
24
K
LED Cathode
* 18~22 : SK, DO, DI, CS, INT for Touch Panel controller TSC2046
/ X1, X2, Y1, Y2 for Touch Panel (without TSC2046)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn