Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLVH432BQDBZR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH432BQDBZR
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH432BQDBZR Datasheet(HTML) 1 Page - Texas Instruments

  TLVH432BQDBZR Datasheet HTML 1Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 2Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 3Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 4Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 5Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 6Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 7Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 8Page - Texas Instruments TLVH432BQDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
www.ti.com
FEATURES
REF
ANODE
CATHODE
TLVH431
LP (TO-92/TO-226) PACKAGE
(TOP VIEW)
NC − No internal connection
* Pin 2 is attached to Substrate and must be
connected to ANODE or left open.
TLVH431
DBV (SOT-23-5) PACKAGE
(TOP VIEW)
1
2
3
5
4
NC
*
CATHODE
ANODE
REF
TLVH431
DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
1
2
3
REF
CATHODE
ANODE
TLVH431
DCK (SC-70) PACKAGE
(TOP VIEW)
1
2
3
6
5
4
CATHODE
NC
REF
ANODE
NC
NC
TLVH431
PK (SOT-89) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
NC − No internal connection
ANODE
TLVH432
PK (SOT-89) PACKAGE
(TOP VIEW)
CATHODE
ANODE
REF
ANODE
TLVH432
DBZ (SOT-23-3) PACKAGE
(TOP VIEW)
1
2
3
CATHODE
REF
ANODE
1
2
3
REF
CATHODE
ANODE
DESCRIPTION/ORDERING INFORMATION
TLVH431,, TLVH431A,, TLVH431B
TLVH432, TLVH432A, TLVH432B
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
SLVS555G–NOVEMBER 2004–REVISED JANUARY 2006
Low-Voltage Operation...Down to 1.24 V
Wide Operating Cathode Current Range . . .
55 μAto80mA
Reference Voltage Tolerances at 25°C
0.25-Ω Typical Output Impedance
– 0.5% for B Grade
–40°C to 125°C Specifications
– 1%for AGrade
TLVH432 Provides Alternative Pinouts for
– 1.5% for Standard Grade
SOT-23-3 and SOT-89 Packages
Adjustable Output Voltage, VO =VREF to 18 V
Ultra-Small SC-70 Package Offers 40%
Smaller Footprint Than SOT-23-3
The TLVH431 and TLVH432 are low-voltage 3-terminal adjustable voltage references, with specified thermal
stability over applicable industrial and commercial temperature ranges. Output voltage can be set to any value
between VREF (1.24 V) and 18 V with two external resistors (see Figure 2). These devices operate from a lower
voltage (1.24 V) than the widely used TL431 and TL1431 shunt-regulator references.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLVH432BQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH432BQDBZR TI-TLVH432BQDBZR Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH432BQDBZR TI1-TLVH432BQDBZR Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH432BQDBZRG4 TI-TLVH432BQDBZRG4 Datasheet
570Kb / 37P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH432BQDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com