Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74CBT3383PWE4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74CBT3383PWE4
Description  10-BIT FET BUS-EXCHANGE SWITCHES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74CBT3383PWE4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74CBT3383PWE4 Datasheet HTML 1Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 2Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 3Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 4Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 5Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 6Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 7Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 8Page - Texas Instruments SN74CBT3383PWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SN54CBT3383, SN74CBT3383
10BIT FET BUSEXCHANGE SWITCHES
SCDS003O − NOVEMBER 1992 − REVISED JULY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions (see Note 3)
SN54CBT3383
SN74CBT3383
UNIT
MIN
MAX
MIN
MAX
UNIT
VCC
Supply voltage
4.5
5.5
4.5
5.5
V
VIH
High-level control input voltage
2
2
V
VIL
Low-level control input voltage
0.8
0.8
V
TA
Operating free-air temperature
−55
125
0
70
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54CBT3383
SN74CBT3383
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
II
VCC = 5.5 V,
VI = 5.5 V or GND
±5
±1
µA
ICC
VCC = 5.5 V,
IO = 0,
VI = VCC or GND
50
50
µA
∆ICC‡ Control inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
2.5
2.5
mA
Ci
Control inputs
VI = 3 V or 0
3
pF
Ci
Control inputs
VI = 2.5 V
5
pF
Cio(OFF)
VO = 3 V or 0,
BE = VCC
6
pF
Cio(OFF)
VO = 2.5 V,
BE = VCC
6
pF
VI = 0
II = 64 mA
5
9.2
5
7
ron§
VCC = 4.5 V
VI = 0
II = 30 mA
5
7
ron
VCC = 4.5 V
VI = 2.4 V,
II = 15 mA
10
17
10
15
† All typical values are at VCC = 5 V, TA = 25°C.
‡ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
§ Measured by the voltage drop between the input terminal and the output terminal at the indicated current through the switch. On-state resistance
is determined by the lowest voltage of the two (A or B) terminals.
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
SN54CBT3383
SN74CBT3383
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
MAX
MIN
MAX
UNIT
tpd¶
A or B
B or A
1.5
0.25
ns
tpd
BX
A or B
1
10.2
1
9.2
ns
ten
BE
A or B
1
10.8
1
8.6
ns
tdis
BE
A or B
1
8.2
1
7.5
ns
¶ The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when
driven by an ideal voltage source (zero output impedance).


Similar Part No. - SN74CBT3383PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3383PW TI-SN74CBT3383PW Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN74CBT3383PW TI1-SN74CBT3383PW Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
SN74CBT3383PWLE TI1-SN74CBT3383PWLE Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
SN74CBT3383PWR TI1-SN74CBT3383PWR Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
SN74CBT3383PWRG4 TI1-SN74CBT3383PWRG4 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
More results

Similar Description - SN74CBT3383PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54CBT3383 TI-SN54CBT3383 Datasheet
67Kb / 5P
[Old version datasheet]   10-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209_07 Datasheet
346Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A Datasheet
353Kb / 13P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI1-SN54CBT16212A_15 Datasheet
1Mb / 17P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16212A TI-SN54CBT16212A_07 Datasheet
405Kb / 14P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI-SN54CBT16209 Datasheet
70Kb / 5P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
SN54CBT16209 TI1-SN54CBT16209_15 Datasheet
768Kb / 14P
[Old version datasheet]   18-BIT FET BUS-EXCHANGE SWITCHES
logo
Renesas Technology Corp
HD74CBT16212A RENESAS-HD74CBT16212A Datasheet
124Kb / 13P
   24-bit FET Bus-Exchange Switches
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com