Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

203250 Datasheet(PDF) 1 Page - Littelfuse

Part # 203250
Description  FLAT-PAK Slo-Blo Fuse
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

203250 Datasheet(HTML) 1 Page - Littelfuse

  203250 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
388
Surface Mount Fuses
www .littelfuse .com
Subminiature Surface Mount & Dip Types
FLAT-PAK
® Slo-Blo® Fuse 203 Series
9.45
(.372")
6.35
(.250")
4.19
(.165")
0.53
(.021")
10.16
(.400")
.135"
0.30 (.012")
6
o
202 FLAT- PAK
LF
F 2A
250 V
PAT 4563666
DIP Configuration
(Thru-Hole) Mounting
9.45
(.372")
6.35
(.250")
4.19
(.165")
202GFLAT- PAK
LF
F 2A
250 V
PAT 4563666
SMF Configuration
("Gull Wing" Surface Mount)
1.52
(.060")
0.08 (.003")
1.40 (.055")
15.24 (.600")
17.12 (.674)
4.06 (.160)
11.53 (.454)
2.79 (.110)
Recommended Pad Layout
Reference Dimensions:
100
10
1
0.01
0.001
1000
100
10
1
0.1
0.05
CURRENT IN AMPERES
.1
Average Time Current Curves
Fast-Acting and Slo-Blo® Fuse versions of the Flat-Pak Fuse designs are
available. Both designs are available in either a gull-wing surface mount
package or a DIP configuration for through-hole mounting.
These fuse designs feature a 250 VAC rating in a low profile,
rectangular package.
ELECTRICAL CHARACTERISTICS:
% of Ampere
Opening
Rating
Time
100%
4 hours, Minimum
200%
1 second, Minimum
30 seconds, Maximum
AGENCY APPROVALS: Recognized under the Components
Program of Underwriters Laboratories and Certified by CSA.
AGENCY FILE NUMBERS: UL E10480, CSA LR 29862.
INTERRUPTING RATING:
50 amperes at 250 VAC.
ENVIRONMENTAL SPECIFICATION:
Operating Temperature: –55°C to 125°C.
PHYSICAL SPECIFICATIONS:
Materials: Body: Thermoplastic
Terminations: Tin/Lead Plated Copper
Soldering Parameters:
Wave Solder — 260°C, 3 seconds maximum.
Reflow Solder — 215°C, 30 seconds maximum.
Solderability: MIL-STD-202, Method 208.
Cleaning: Board washable in most common solvents.
PACKAGING SPECIFICATIONS:
SMF Fuses — 24mm Tape and Reel per EIA-RS481-2
(IEC 286, part 3); 500 per reel.
DIP Fuses — Antistatic magazine, 100 per magazine.
PATENTED
®
®
Nominal
Nominal
Catalog
Catalog
1
Ampere
Voltage
Resistance
Melting I
2t
Number
Number
Rating
Rating
Cold Ohms
A
2 Sec.
203.250
203.250G
1/4
250
1.36
0.0126
203.500
203.500G
1/2
250
0.433
0.112
203.750
203.750G
3/4
250
0.158
0.327
203 001
203 001G
1
250
0.0755
0.328
203 01.5
203 01.5G
11/2
250
0.0390
0.850
203 002
203 002G
2
250
0.0345
1.70
203 02.5
203 02.5G
21/2
250
0.0237
2.87
203 003
203 003G
3
250
0.0197
4.40
203 004
203 004G
4
250
0.0148
8.75
203 005
203 005G
5
250
0.0124
14.7
1
SMF fuse marking includes the letter “G” next to the series number indicating “Gull-Wing”.
ORDERING INFORMATION


Similar Part No. - 203250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2032 ETC2-2032 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
logo
Christian Bürkert GmbH ...
2032 BURKERT-2032 Datasheet
1Mb / 16P
   T-diaphragm valve with pneumatic plastic actuator (Type CLASSIC)
13.09.2023
logo
Tyco Electronics
2032-6330-00 MACOM-2032-6330-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6331-00 MACOM-2032-6331-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
2032-6332-00 MACOM-2032-6332-00 Datasheet
237Kb / 3P
   3 dB Hybrid Couplers
More results

Similar Description - 203250

ManufacturerPart #DatasheetDescription
logo
Littelfuse
229250P LITTELFUSE-229250P Datasheet
117Kb / 2P
   2AG Slo-Blo Fuse
229250 LITTELFUSE-229250 Datasheet
136Kb / 2P
   2AG Slo-Blo Fuse
0375012.M LITTELFUSE-0375012.M Datasheet
264Kb / 1P
   3AG SLO-BLO FUSE, M-PACKED
047303.5YRT1- LITTELFUSE-047303.5YRT1- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
0473003.YRT3- LITTELFUSE-0473003.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
0473004.YRT3- LITTELFUSE-0473004.YRT3- Datasheet
23Kb / 1P
   PICO II Slo-Blo Type Fuse
326 LITTELFUSE-326 Datasheet
92Kb / 1P
   3AB Slo-Blo Fuse 325/326 Series
313 LITTELFUSE-313 Datasheet
94Kb / 1P
   3AG Slo-Blo Fuse 313/315 Series
215125P LITTELFUSE-215125P Datasheet
250Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo Fuse)
239 LITTELFUSE-239_1 Datasheet
177Kb / 2P
   5 x 20 mm Time Lag Fuse (Slo-Blo) Fuse
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com