Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BY229-200 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BY229-200
Description  Rectifier diodes fast, soft-recovery
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY229-200 Datasheet(HTML) 1 Page - NXP Semiconductors

  BY229-200 Datasheet HTML 1Page - NXP Semiconductors BY229-200 Datasheet HTML 2Page - NXP Semiconductors BY229-200 Datasheet HTML 3Page - NXP Semiconductors BY229-200 Datasheet HTML 4Page - NXP Semiconductors BY229-200 Datasheet HTML 5Page - NXP Semiconductors BY229-200 Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Philips Semiconductors
Product specification
Rectifier diodes
BY229 series
fast, soft-recovery
FEATURES
SYMBOL
QUICK REFERENCE DATA
• Low forward volt drop
V
R = 200 V/ 400 V/ 600 V/800 V
• Fast switching
• Soft recovery characteristic
I
F(AV) = 8 A
• High thermal cycling performance
• Low thermal resistance
I
FSM ≤ 60 A
t
rr ≤ 135 ns
GENERAL DESCRIPTION
PINNING
SOD59 (TO220AC)
Glass-passivated double diffused
PIN
DESCRIPTION
rectifier
diodes
featuring
low
forward voltage drop, fast reverse
1
cathode
recovery
and
soft
recovery
characteristic. The devices are
2
anode
intended for use in TV receivers,
monitors and switched mode power
tab
cathode
supplies.
The BY229 series is supplied in the
conventional
leaded
SOD59
(TO220AC) package.
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
BY229
-200
-400
-600
-800
V
RSM
Peak non-repetitive reverse
-
200
400
600
800
V
voltage
V
RRM
Peak repetitive reverse voltage
-
200
400
600
800
V
V
RWM
Crest working reverse voltage
-
150
300
500
600
V
V
R
Continuous reverse voltage
-
150
300
500
600
V
I
F(AV)
Average forward current
1
square wave;
-
8
A
δ = 0.5;
T
mb ≤ 122 ˚C
sinusoidal;
-
7
A
a = 1.57;
T
mb ≤ 125 ˚C
I
F(RMS)
RMS forward current
-
11
A
I
FRM
Repetitive peak forward current t = 25
µs; δ = 0.5;
-
16
A
T
mb ≤ 122 ˚C
I
FSM
Non-repetitive peak forward
t = 10 ms
-
60
A
current.
t = 8.3 ms
-
66
A
sinusoidal;
T
j = 150 ˚C prior to
surge; with
reapplied V
RWM(max)
I
2tI2t for fusing
t = 10 ms
-
18
A
2s
T
stg
Storage temperature
-40
150
˚C
T
j
Operating junction temperature
-
150
˚C
k
a
12
1
tab
2
1 Neglecting switching and reverse current losses.
September 1998
1
Rev 1.200


Similar Part No. - BY229-200

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY229-200 VISHAY-BY229-200 Datasheet
133Kb / 5P
   Fast Switching Plastic Rectifier
Revision: 06-Nov-07
More results

Similar Description - BY229-200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY229F PHILIPS-BY229F Datasheet
56Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
BY329F PHILIPS-BY329F Datasheet
57Kb / 7P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.100
BY329X PHILIPS-BY329X Datasheet
49Kb / 6P
   Rectifier diodes fast, soft-recovery
May 1995 Rev 1.000
BY329-1000 PHILIPS-BY329-1000 Datasheet
42Kb / 6P
   Rectifier diodes fast, soft-recovery
September 1998 Rev 1.200
logo
New Jersey Semi-Conduct...
BY329 NJSEMI-BY329 Datasheet
138Kb / 2P
   Rectifier diodes fast, soft-recovery
logo
NXP Semiconductors
BYX46 PHILIPS-BYX46 Datasheet
664Kb / 11P
   FAST SOFT-RECOVERY RECTIFIER DIODES
April 1984
logo
SynSemi, Inc.
BYW95A SYNSEMI-BYW95A Datasheet
33Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
logo
EIC discrete Semiconduc...
BYW95A EIC-BYW95A Datasheet
29Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYD37DA EIC-BYD37DA Datasheet
110Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
BYW95A EIC-BYW95A_05 Datasheet
48Kb / 2P
   AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com