Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL8038 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL8038
Description  Precision Waveform Generator/Voltage Controlled Oscillator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8038 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL8038 Datasheet HTML 4Page - Intersil Corporation ICL8038 Datasheet HTML 5Page - Intersil Corporation ICL8038 Datasheet HTML 6Page - Intersil Corporation ICL8038 Datasheet HTML 7Page - Intersil Corporation ICL8038 Datasheet HTML 8Page - Intersil Corporation ICL8038 Datasheet HTML 9Page - Intersil Corporation ICL8038 Datasheet HTML 10Page - Intersil Corporation ICL8038 Datasheet HTML 11Page - Intersil Corporation ICL8038 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Definition of Terms
Supply Voltage (VSUPPLY). The total supply voltage from
V+ to V-.
Supply Current. The supply current required from the
power supply to operate the device, excluding load currents
and the currents through RA and RB.
Frequency Range. The frequency range at the square wave
output through which circuit operation is guaranteed.
Sweep FM Range. The ratio of maximum frequency to
minimum frequency which can be obtained by applying a
sweep voltage to pin 8. For correct operation, the sweep
voltage should be within the range:
(2/3 VSUPPLY +2V) <VSWEEP <VSUPPLY
FM Linearity. The percentage deviation from the best fit
straight line on the control voltage versus output frequency
curve.
Output Amplitude. The peak-to-peak signal amplitude
appearing at the outputs.
Saturation Voltage. The output voltage at the collector of
Q23 when this transistor is turned on. It is measured for a
sink current of 2mA.
Rise and Fall Times. The time required for the square wave
output to change from 10% to 90%, or 90% to 10%, of its
final value.
Triangle Waveform Linearity. The percentage deviation
from the best fit straight line on the rising and falling triangle
waveform.
Total Harmonic Distortion. The total harmonic distortion at
the sine wave output.
Typical Performance Curves
FIGURE 11. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 12. FREQUENCY vs SUPPLY VOLTAGE
FIGURE 13. FREQUENCY vs TEMPERATURE
FIGURE 14. SQUARE WAVE OUTPUT RISE/FALL TIME vs
LOAD RESISTANCE
SUPPLY VOLTAGE (V)
5
10
15
202530
5
10
15
20
25oC
125oC
-55oC
SUPPLY VOLTAGE (V)
5
10
1520
2530
0.98
0.99
1.01
1.03
1.00
1.02
TEMPERATURE (oC)
-50
-25
0
25
75
125
0.98
0.99
1.01
1.03
1.00
1.02
30V
20V
10V
20V
30V
10V
LOAD RESISTANCE (k
Ω)
10
6
4
2
08
0
50
100
150
200
125oC
FALL TIME
RISE TIME
25oC
-55oC
125oC
25oC
-55oC
ICL8038


Similar Part No. - ICL8038

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Intersil Corporation
ICL8038ACJD INTERSIL-ICL8038ACJD Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
More results

Similar Description - ICL8038

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8038 INTERSIL-ICL8038 Datasheet
152Kb / 10P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Harris Corporation
ICL8038 HARRIS-ICL8038 Datasheet
149Kb / 10P
   Precision Waveform Generator/ Voltage Controlled Oscillator
logo
Renesas Technology Corp
ICL8038 RENESAS-ICL8038 Datasheet
651Kb / 12P
   Precision Waveform Generator/Voltage Controlled Oscillator
logo
Exar Corporation
XR8038 EXAR-XR8038 Datasheet
150Kb / 16P
   Precision Waveform Generator
XR-8038A EXAR-XR-8038A Datasheet
26Kb / 4P
   Precision Waveform Generator
logo
NTE Electronics
NTE864 NTE-NTE864 Datasheet
26Kb / 3P
   Integrated Circuit Precision Waveform Generator
logo
ASM GmbH
7075 ASM-SENSOR-7075 Datasheet
1Mb / 8P
   WAVEFORM GENERATOR
logo
Keysight Technologies
M9330A KEYSIGHT-M9330A Datasheet
739Kb / 12P
   Arbitrary Waveform Generator
M9331A KEYSIGHT-M9331A Datasheet
747Kb / 12P
   Arbitrary Waveform Generator
logo
Analog Devices
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
   Programmable Waveform Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com