Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2217-33PWRE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV2217-33PWRE4
Description  LOW-DROPOUT FIXED-VOLTAGE REGULATOES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2217-33PWRE4 Datasheet(HTML) 1 Page - Texas Instruments

  TLV2217-33PWRE4 Datasheet HTML 1Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 2Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 3Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 4Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 5Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 6Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 7Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 8Page - Texas Instruments TLV2217-33PWRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TLV2217
LOW DROPOUT FIXEDVOLTAGE REGULATORS
SLVS067L − MARCH 1992 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Fixed 1.8-V, 2.5-V, and 3.3-V Outputs
D ±1% Maximum Output Voltage Tolerance at
TJ = 25°C
D 500-mV Maximum Dropout Voltage at
500 mA (3.3-V Option)
D ±2% Output Voltage Variation Across Load
and Temperature
D Internal Overcurrent Limiting
D Internal Thermal-Overload Protection
D Internal Overvoltage Protection
OUTPUT
GND
INPUT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
INPUT
GND
OUTPUT
PW (TSSOP) PACKAGE
(TOP VIEW)
HEAT
SINK
HEAT
SINK
HEAT
SINK
HEAT
SINK
KC (TO-220) PACKAGE
(TOP VIEW)
HEAT SINK − These terminals have an internal resistive connection
to ground and should be grounded or electrically isolated.
OUTPUT
GND
INPUT
GND
KTP (PowerFLEX
E/TO-252*) PACKAGE
(TOP VIEW)
GND
GND
OUTPUT
KCS (TO-220) PACKAGE
(TOP VIEW)
INPUT
*Complies with JEDEC TO-252, variation AC
description/ordering information
ORDERING INFORMATION
TJ
VO
(NOM)
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
1.8 V
PowerFLEX
/TO-252* (KTP) Reel of 3000
TLV2217-18KTPR
2217−18
1.8 V
TO-220 (KCS)
Tube of 50
TLV2217-18KCS
TLV2217−18
TO-220 (KC)
Tube of 50
TLV2217-25KC
TLV2217−25
2.5 V
PowerFLEX
/TO-252* (KTP) Reel of 3000
TLV2217-25KTPR
2217−25
0
°C to 125°C
2.5 V
TSSOP (PW)
Tube of 70
TLV2217-25PW
2217−25
0 C to 125 C
TSSOP (PW)
Reel of 2000
TLV2217-25PWR
2217−25
PowerFLEX
/TO-252* (KTP) Reel of 3000
TLV2217-33KTPR
2217−33
3.3 V
TO-220 (KC)
Tube of 50
TLV2217-33KC
TLV2217−33
3.3 V
TSSOP (PW)
Reel of 2000
TLV2217-33PWR
2217−33
*Complies to TO-252, variation AC.
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2005, Texas Instruments Incorporated
PowerFLEX is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TLV2217-33PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2217-33PWR TI-TLV2217-33PWR Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
TLV2217-33PWRG4 TI-TLV2217-33PWRG4 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
More results

Similar Description - TLV2217-33PWRE4

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
logo
Texas Instruments
TL760M18-Q1 TI-TL760M18-Q1 Datasheet
331Kb / 10P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
TLV2217 TI-TLV2217_15 Datasheet
1Mb / 17P
[Old version datasheet]   LOW-DROPOUT FIXED-VOLTAGE REGULATORS
logo
Infineon Technologies A...
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
logo
Texas Instruments
TLV2217 TI-TLV2217 Datasheet
321Kb / 11P
[Old version datasheet]   LOW DROPOUT FIXED VOLTAGE REGULATORS
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com