Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5209-50 Datasheet(PDF) 6 Page - Texas Instruments

Part # TL5209-50
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209-50 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TL5209-50 Datasheet HTML 2Page - Texas Instruments TL5209-50 Datasheet HTML 3Page - Texas Instruments TL5209-50 Datasheet HTML 4Page - Texas Instruments TL5209-50 Datasheet HTML 5Page - Texas Instruments TL5209-50 Datasheet HTML 6Page - Texas Instruments TL5209-50 Datasheet HTML 7Page - Texas Instruments TL5209-50 Datasheet HTML 8Page - Texas Instruments TL5209-50 Datasheet HTML 9Page - Texas Instruments TL5209-50 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
www.ti.com
Electrical Characteristics
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
V
IN = VOUT + 1 V, COUT = 4.7 µF, IOUT = 1 mA, full range TJ = –40°C to 125°C
PARAMETER
TEST CONDITIONS
TJ
MIN
TYP
MAX
UNIT
25
°C
–1
1
Output voltage accuracy
VOUT = 2.5 V for ADJ only
%
Full range
–2
2
αV
OUT
Output voltage temperature coefficient
Full range
40
ppm/
°C
25
°C
0.009
0.05
Line regulation
VIN = (VOUT + 1 V) to 16 V
%/V
Full range
0.1
25
°C
0.05
0.5
Load regulation
IOUT = 1 mA to 500 mA(1)
%
Full range
0.7
25
°C
45
60
IOUT = 1 mA
Full range
80
25
°C
115
175
IOUT = 50 mA
Full range
250
VIN – VOUT Dropout voltage(2)
mV
25
°C
150
250
IOUT = 100 mA
Full range
300
25
°C
350
500
IOUT = 500 mA
Full range
600
25
°C
100
140
VEN ≥ 3 V, IOUT = 1 mA
Full range
170
µA
25
°C
350
650
VEN ≥ 3 V, IOUT = 50 mA
Full range
900
IQ
Quiescent current
25
°C
1.2
2
VEN ≥ 3 V, IOUT = 100 mA
Full range
3
mA
25
°C
8
20
VEN ≥ 3 V, IOUT = 500 mA
Full range
25
Imin
Minimum load current(3)
Full range
1
mA
VEN ≤ 0.4 V
25
°C
0.05
3
ISD
Shutdown current
25
°C
0.1
µA
VEN ≤ 0.18 V
Full range
8
Ripple rejection
f = 120 Hz
25
°C
75
dB
25
°C
700
900
ILIMIT
Current limit
VOUT = 0 V
mA
Full range
1000
VIN = 16 V, 500-mA load
∆V
OUT/∆PD
Thermal regulation(4)
25
°C
0.05
%/W
pulse for t = 10 ms
VOUT = 2.5 V, IOUT = 50 mA,
25
°C
500
COUT = 2.2 µF, CBYP = 0
Vn
Output noise
nV/
√Hz
IOUT = 50 mA, COUT = 2.2 µF,
25
°C
300
CBYP = 470 pF(5)
25
°C
0.4
VEN = logic LOW (shutdown)
VEN
Enable logic voltage
Full range
0.18
V
VEN = logic HIGH (enabled)
25
°C
2
(1)
Low duty cycle testing is used to maintain the junction temperature as close to the ambient temperature as possible. Changes in output
voltage due to thermal effects are covered separately by the thermal regulation specification.
(2)
Dropout is defined as the input to output differential at which the output drops 2% below its nominal value measured at 1-V differential.
(3)
For stability across the input voltage and temperature. For ADJ versions, the minimum current can be set by R1 and R2.
(4)
Thermal regulation is defined as the change in output voltage at a specified time after a change in power dissipation is applied,
excluding line and load regulation effects.
(5)
CBYP is optional and connected to the BYP/ADJ pin.
6
Submit Documentation Feedback


Similar Part No. - TL5209-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209DR TI-TL5209DR Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209DRG4 TI-TL5209DRG4 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
More results

Similar Description - TL5209-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com