Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDSP16330 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # PDSP16330
Description  32K BUCKET BUFFER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

PDSP16330 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button PDSP16330 Datasheet HTML 3Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 4Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 5Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 6Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 7Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 8Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 9Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 10Page - Zarlink Semiconductor Inc PDSP16330 Datasheet HTML 11Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PDSP16540
6
STATIC ELECTRICAL CHARACTERISTICS
Operating Conditions (unless otherwise state)
Tamb = 0 C to +70
°C.
Vcc = 5.0v
± 10%
ABSOLUTE MAXIMUM RATINGS [See Notes]
Supply voltage Vcc
-0.5V to 7.0V
Input voltage V
IN
-0.5V to Vcc + 0.5V
Output voltage V
OUT
-0.5V to Vcc + 0.5V
Clamp diode current per pin I
K (see note 2)
18mA
Static discharge voltage (HMB)
500V
Storage temperature T
S
-65
°C to 150°C
Ambient temperature with power applied T
AMB
0
°C to 70°C
Junction temperature
150
°C
Package power dissipation
3000mW
Thermal resistances
Junction to case ø
JC
5
°C/W
NOTES ON MAXIMUM RATINGS
1. Exceeding these ratings may cause permanent damage.
Functional operation under these conditions is not implied.
2. Maximum dissipation or 1 second should not be exceeded,
only one output to be tested at any one time.
3. Exposure to absolute maximum ratings for extended
periods may affect device reliablity.
4. Current is defined as positive into the device.
Delay from output
high to output
high impedance
Test
Waveform - measurement level
Delay from output
low to output
high impedance
H
V
0.5V
V
0.5V
L
1.5V
0.5V
1.5V
0.5V
Delay from output
high impedance to
output low
Delay from output
high impedance to
output high
V
- Voltage reached when output driven high
V
- Voltage reached when output driven low
H
L
The amount of overlapping is dependent on the needs of
a particular application, and is usually subject to some com-
promise. If the above maximum writing rates are marginally
not adequate, the amount of overlap can possibly be reduced
to achieve the required performance. Mode control inputs
MD2:1 should then all be tied high, and outputs D9:5 used as
inputs during reset to define the number of new words to be
written.
SUPPORTING REAL ONLY TRANSFORMS
If MD5 is tied high the PDSP16540 will support the
PDSP16510 when two concurrent 1024 point real transa-
forms are to be performed. It does not suppoprt block overlap-
ping in this mode.
Real only data is written to the buffer using the IP15:0
inputs, and the IP31:16 inputs are redundant. Two blocks of
data are acquired before DAV goes active, and both blocks are
then read in parallel using all thirty two outputs.
MD0,1, and 2 must be tied low in order to define blocks of
1024 words which totally consist of new data. The RMF flag is
not needed by the PDSP16510, but will actually go active after
the defined number of words in the second block have been
loaded. Control Register Bits 8:6 in the PDSP16510 must be
set to 101 in order to expect data on both its real and imaginary
inputs.
Units
V
V
V
V
µA
pF
µA
mA
Symbol
V
OH
V
OL
V
IH
V
IL
I
IN
C
IN
I
OZ
I
SC
Min.
2.4
-
2.8
-
-10
-50
10
Value
Typ.
10
Max.
-
0.4
0.8
+10
+50
300
Conditions
I
OH = 4mA
I
OL = -4mA
GND < V
IN < VCC
GND < V
OUT < VCC
V
CC = Max
Characteristic
Output high voltage
Output low voltage
Input high voltage
Input low voltage
Input leakage current
Input capacitance
Output leakage current
Output S/C current


Similar Part No. - PDSP16330

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
PDSP16330 MITEL-PDSP16330 Datasheet
173Kb / 9P
   Pythagoras Processor
PDSP16330 MITEL-PDSP16330 Datasheet
150Kb / 12P
   Pythagoras Processor
logo
Zarlink Semiconductor I...
PDSP16330 ZARLINK-PDSP16330 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
PDSP16330 ZARLINK-PDSP16330 Datasheet
121Kb / 16P
   ALU and Barrel Shifter
PDSP16330 ZARLINK-PDSP16330 Datasheet
149Kb / 18P
   16 by 16 Bit Complex Multiplier
More results

Similar Description - PDSP16330

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
CM732E SCHNEIDER-CM732E Datasheet
122Kb / 2P
   MULTI-METERING BUCKET 3PHASE
logo
FCI connector
DB25P064HTXLF FCI-CONNECTOR-DB25P064HTXLF Datasheet
115Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
logo
Dubilier
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3_11 Datasheet
447Kb / 3P
   FILTERED D CONNECTORS SOLDER BUCKET
DBCFDMSB09E3 DUBILIER-DBCFDMSB09E3 Datasheet
121Kb / 1P
   FILTERED D CONNECTORS SOLDER BUCKET
logo
FCI connector
DE09P064TXLF FCI-CONNECTOR-DE09P064TXLF Datasheet
288Kb / 1P
   D-SUB SOLDER BUCKET CONNECTOR
C-DSUB-0064 FCI-CONNECTOR-C-DSUB-0064 Datasheet
288Kb / 1P
   D SUB SOLDER BUCKET CONNECTOR
logo
List of Unclassifed Man...
BC312 ETC1-BC312 Datasheet
108Kb / 1P
   3-Inch Utility Bucket S-Hook
BC311 ETC1-BC311 Datasheet
114Kb / 1P
   2-Inch Utility Bucket S-Hook
logo
Dubilier
DBCTDM1SB093 DUBILIER-DBCTDM1SB093 Datasheet
499Kb / 4P
   D TYPE CONNECTORS - TURNED PIN SOLDER BUCKET
logo
Linkage Goston Electron...
SM7307 LINKAGE-SM7307 Datasheet
1Mb / 6P
   Non-IsolatIon Bucket Constant Flow Control Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com