Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL5209KTTR Datasheet(PDF) 9 Page - Texas Instruments

Part # TL5209KTTR
Description  500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL5209KTTR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TL5209KTTR Datasheet HTML 5Page - Texas Instruments TL5209KTTR Datasheet HTML 6Page - Texas Instruments TL5209KTTR Datasheet HTML 7Page - Texas Instruments TL5209KTTR Datasheet HTML 8Page - Texas Instruments TL5209KTTR Datasheet HTML 9Page - Texas Instruments TL5209KTTR Datasheet HTML 10Page - Texas Instruments TL5209KTTR Datasheet HTML 11Page - Texas Instruments TL5209KTTR Datasheet HTML 12Page - Texas Instruments TL5209KTTR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
www.ti.com
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency – Hz
VIN = 3.5 V
COUT = 2.2 µF
CBYP = 0.01 µF
IOUT = 100 mA
10
100
1k
10k
100k
1M
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
Frequency – Hz
VIN = 3.5 V
COUT = 2.2 µF
CBYP = 0 µF
IOUT = 100 mA
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.1
0.2
0.3
0.4
0.5
Voltage Drop – V
VOUT = 2.5 V
COUT = 2.2 µF
CBYP = 0 µF
IL = 1 mA
IL = 10 mA
IL = 100 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.1
0.2
0.3
0.4
0.5
Voltage Drop – V
VOUT = 2.5 V
COUT = 2.2 µF
CBYP = 0.01 µF
IL = 1 mA
IL = 10 mA
IL = 100 mA
TL5209
500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR
WITH SHUTDOWN
SLVS581 – SEPTEMBER 2006
TYPICAL CHARACTERISTICS (continued)
POWER-SUPPLY REJECTION RATIO
POWER-SUPPLY REJECTION RATIO
POWER-SUPPLY RIPPLE REJECTION
POWER-SUPPLY RIPPLE REJECTION
vs
vs
VOLTAGE DROP
VOLTAGE DROP
Figure 4.
9
Submit Documentation Feedback


Similar Part No. - TL5209KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209DR TI-TL5209DR Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209DRG4 TI-TL5209DRG4 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
More results

Similar Description - TL5209KTTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5209 TI-TL5209_10 Datasheet
501Kb / 21P
[Old version datasheet]   500-mA LOW-NOISE LOW-DROPOUT VOLTAGE REGULATOR WITH SHUTDOWN
TL5209 TI-TL5209_15 Datasheet
816Kb / 23P
[Old version datasheet]   TL5209 500-mA Low-Noise Low-Dropout Voltage Regulator With Shutdown
LP2985 TI-LP2985 Datasheet
781Kb / 24P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
473Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_06 Datasheet
487Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI-LP2985_08 Datasheet
635Kb / 25P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
LP2985 TI1-LP2985_17 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_15 Datasheet
1Mb / 29P
[Old version datasheet]   150-mA Low-noise Low-dropout Regulator With Shutdown
LP2985 TI-LP2985_V03 Datasheet
10Mb / 41P
[Old version datasheet]   LP2985 150-mA, Low-Noise, Low-Dropout Regulator With Shutdown
REVISED DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com