Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TSM104W Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. TSM104W
Description  QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

TSM104W Datasheet(HTML) 2 Page - Texas Instruments

  TSM104W Datasheet HTML 1Page - Texas Instruments TSM104W Datasheet HTML 2Page - Texas Instruments TSM104W Datasheet HTML 3Page - Texas Instruments TSM104W Datasheet HTML 4Page - Texas Instruments TSM104W Datasheet HTML 5Page - Texas Instruments TSM104W Datasheet HTML 6Page - Texas Instruments TSM104W Datasheet HTML 7Page - Texas Instruments TSM104W Datasheet HTML 8Page - Texas Instruments TSM104W Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
TSM104W
,, TSM104WA
QUAD OPERATIONAL AMPLIFIER
AND PROGRAMMABLE VOLTAGE REFERENCE
SLOS478D – JULY 2005 – REVISED AUGUST 2006
ORDERING INFORMATION
MAX VIO AND VREF
TOP-SIDE
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOLERANCE (25
°C)
MARKING
PDIP – N
Tube of 25
TSM104WAIN
PREVIEW
Tube of 75
TSM104WAID
SOIC – D
TSM104WAI
A grade
Reel of 2500
TSM104WAIDR
3 mV, 0.4%
Tube of 75
TSM104WAIPW
TSSOP – PW
SM104AI
Reel of 2000
TSM104WAIPWR
–40
°C to 105°C
PDIP – N
Tube of 25
TSM104WIN
PREVIEW
Tube of 75
TSM104WID
SOIC – D
TSM104WI
Standard grade
Reel of 2500
TSM104WIDR
5 mV, 1%
Tube of 75
TSM104WIPW
TSSOP – PW
SM104I
Reel of 2000
TSM104WIPWR
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
over free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
36
V
VID
Operational amplifier input differential voltage
36
V
VI
Operational amplifier input voltage range
–0.3
36
V
IKA
Voltage reference cathode current
100
mA
D package
73
θ
JA
Package thermal impedance(2)(3)
N package
67
°C/W
PW package
108
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC+ – VCC–
Supply voltage
3
30
V
IK
Cathode current
1
100
mA
TA
Operating free-air temperature
–40
105
°C
2
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn