Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF3703 Datasheet(PDF) 18 Page - Texas Instruments

Part # TRF3703
Description  0.4-GHz TO 4-GHz QUADRATURE MODULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF3703 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TRF3703 Datasheet HTML 14Page - Texas Instruments TRF3703 Datasheet HTML 15Page - Texas Instruments TRF3703 Datasheet HTML 16Page - Texas Instruments TRF3703 Datasheet HTML 17Page - Texas Instruments TRF3703 Datasheet HTML 18Page - Texas Instruments TRF3703 Datasheet HTML 19Page - Texas Instruments TRF3703 Datasheet HTML 20Page - Texas Instruments TRF3703 Datasheet HTML 21Page - Texas Instruments TRF3703 Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.ti.com
DEFINITION OF SPECIFICATIONS
Unadjusted Carrier Feedthrough
Adjusted (Optimized) Carrier Feedthrough
Unadjusted Sideband Suppression
Adjusted (Optimized) Sideband Suppression
Suppressions Over Temperature
f − Frequency Offset − kHz (Relative to Carrier)
−80
−70
−60
−50
−40
−30
−20
−10
0
10
−200 −150 −100
−50
0
50
100
150
200
G024
3RD LSB
(dBc)
3RD LSB
2ND LSB
LSB
(Undesired)
POUT
SBS
(dBc)
Carrier
USB
(Desired)
2ND USB
(dBc)
2ND USB
3RD USB
C
(dBm)
TRF3703
SLWS184D – MARCH 2006 – REVISED JUNE 2007
This specification measures the amount by which the local oscillator component is attenuated in the output
spectrum of the modulator relative to the carrier. This further assumes that the baseband inputs delivered to the
pins of the TRF3703 are perfectly matched to have the same dc offset (VCM). This includes all four baseband
inputs: I, I, Q, and Q. This is measured in dBm.
This differs from the unadjusted suppression number in that the baseband input dc offsets are iteratively
adjusted around their theoretical value of VCM to yield the maximum suppression of the LO component in the
output spectrum. This is measured in dBm.
This specification measures the amount by which the unwanted sideband of the input signal is attenuated in the
output of the modulator, relative to the wanted sideband. This further assumes that the baseband inputs
delivered to the modulator input pins are perfectly matched in amplitude and are exactly 90
° out of phase. This
is measured in dBc.
This differs from the unadjusted sideband suppression in that the baseband inputs are iteratively adjusted
around their theoretical values to maximize the amount of sideband suppression. This is measured in dBc.
This specification assumes that the user has gone though the optimization process for the suppression in
question, and set the optimal settings for the I, Q inputs. This specification then measures the suppression when
temperature conditions change after the initial calibration is done.
Figure 26 shows a simulated output and illustrates the respective definitions of various terms used in this data
sheet. The graph assumes a baseband input of 50 kHz.
Figure 26. Graphical Illustration of Common Terms
18
Submit Documentation Feedback


Similar Part No. - TRF3703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3703 TI-TRF3703 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315 TI1-TRF370315 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315 TI1-TRF370315 Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315IRGER TI-TRF370315IRGER Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results

Similar Description - TRF3703

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI-TRF37T05 Datasheet
1Mb / 36P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com