Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TRF3703 Datasheet(PDF) 4 Page - Texas Instruments

Part No. TRF3703
Description  0.4-GHz TO 4-GHz QUADRATURE MODULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TRF3703 Datasheet(HTML) 4 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
TRF3703
SLWS184D – MARCH 2006 – REVISED JUNE 2007
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC Parameters
Total supply current (1.5 V CM)
TA = 25°C
195
205
ICC
mA
Total supply current (3.3 V CM)
TA = 25°C
210
235
LO Input (50-
Ω, Single-Ended)
LO frequency range
0.4
4
GHz
fLO
LO input power
–5
0
12
dBm
LO port return loss
15
dB
Baseband Inputs
TRF370333
3.3
VCM
I and Q input dc common voltage
V
TRF370315
1.5
BW
1-dB input frequency bandwidth
350
MHz
Input impedance, resistance
10
k
TRF370333
Input impedance, parallel
3
pF
capacitance
ZI(single
ended)
Input impedance, resistance
5
k
TRF370315
Input impedance, parallel
3
pF
capacitance
over recommended operating conditions, power supply = 5 V, TA = 25°C, fLO = 400 MHz at 0 dBm (unless otherwise noted)
RF Output Parameters
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G
Voltage gain
Output rms voltage over input I (or Q) rms voltage
–2.3
dB
P1dB
Output compression point
9.4
dBm
IP3
Output IP3
20
23
dBm
IP2
Output IP2
Measured at fLO + 2 × fBB
62
dBm
Carrier feedthrough
Unadjusted
–37
dBm
Sideband suppression
Unadjusted
–39
dBc
4
Submit Documentation Feedback


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn