Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2746G+ Datasheet(PDF) 2 Page - Vishay Siliconix

Part # DS2746G+
Description  Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DS2746G+ Datasheet(HTML) 2 Page - Vishay Siliconix

  DS2746G+ Datasheet HTML 1Page - Vishay Siliconix DS2746G+ Datasheet HTML 2Page - Vishay Siliconix DS2746G+ Datasheet HTML 3Page - Vishay Siliconix DS2746G+ Datasheet HTML 4Page - Vishay Siliconix DS2746G+ Datasheet HTML 5Page - Vishay Siliconix DS2746G+ Datasheet HTML 6Page - Vishay Siliconix DS2746G+ Datasheet HTML 7Page - Vishay Siliconix DS2746G+ Datasheet HTML 8Page - Vishay Siliconix DS2746G+ Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
DS2746 Low-Cost 2-Wire Battery Monitor
2 of 15
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
-0.3V to +6V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDECJ-STD-020A
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to the absolute maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(VCC = 2.5V to 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
(Note 1)
+2.5
+5.5
V
Data I/O Pins
SCL, SDA
(Note 1)
-0.3
+5.5
V
Programmable I/O Pin
PIO
(Note 1)
-0.3
+5.5
V
VIN, AIN0, AIN1 Pin
VIN, AIN0,
AIN1
(Note 1)
-0.3
VDD + 0.3
V
DC ELECTRICAL CHARACTERISTICS
(VCC = 2.5V to 4.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
70
100
Active Current
IACTIVE
VDD = 5.5V
105
μA
VDD = 2.0V,
SCL, SDA = Vss
0.5
1.0
Sleep-Mode Current
ISLEEP
SCL, SDA = Vss
1
3
μA
Current Resolution
ILSB
6.25
μV
Current Full-Scale Magnitude
IFS
(Note 1)
±51.2
mV
Current Offset
IOERR
(Note 2)
- 12.5
+ 12.5
μV
Current Gain Error
IGERR
(Note 11)
- 1.5
+1.5
% of
reading
VDD = 3.6V at +25°C
- 1
+ 1
TA = 0°C to +70°C
- 2
+ 2
%
Timebase Accuracy
tERR
TA = -20°C to +70°C
- 3
+ 3
VDD = VIN = 3.6V
- 10
+ 10
Voltage Error
VGERR
- 20
+ 20
mV
Input Resistance
VIN, AIN0, AIN1
RIN
15
MΩ
AIN0, AIN1 Error
2.5V
≤ VDD ≤ 4.1V,
VAIN0,1 ≤ VDD, (Note 10)
- 8
+ 8
LSB
AIN0, AIN1 Error
4.1V
< VDD ≤ 4.2V,
VAIN0,1 ≤ 0.95VDD,
(Note 10)
- 8
+ 8
LSB
AIN0, AIN1 Error
4.2V
< VDD ≤ 4.5V,
VAIN0,1 ≤ 0.75VDD,
(Note 10)
- 8
+ 8
LSB
VOUT Output Drive
IO = 1mA
VDD -0.1
V
VOUT Precharge Time
tPRE
VODIS bit = 0
13.3
14.2
ms


Similar Part No. - DS2746G+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2746G++ DALLAS-DS2746G+ Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746G++ MAXIM-DS2746G+ Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
logo
Dallas Semiconductor
DS2746G+TR DALLAS-DS2746G+TR Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746G+TR MAXIM-DS2746G+TR Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
More results

Similar Description - DS2746G+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2746 DALLAS-DS2746_07 Datasheet
272Kb / 16P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
logo
Maxim Integrated Produc...
DS2746 MAXIM-DS2746 Datasheet
306Kb / 17P
   Low-Cost 2-Wire Battery Monitor with Ratiometric A/D Inputs
5/09
DS2745 MAXIM-DS2745_09 Datasheet
237Kb / 15P
   Low-Cost I2C Battery Monitor
5/09
DS2745 MAXIM-DS2745 Datasheet
223Kb / 14P
   Low-Cost I2C Battery Monitor
091405
DS2745EVKIT MAXIM-DS2745EVKIT Datasheet
150Kb / 11P
   Low-Cost I2C Battery Monitor Evaluation Kit
Rev 11/09
logo
MEMSIC Semiconductor (T...
MXR7999VW MEMSIC-MXR7999VW Datasheet
367Kb / 6P
   Low Cost Dual-Axis Accelerometer with Ratiometric Outputs
Rev C
logo
Maxim Integrated Produc...
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
   Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
logo
List of Unclassifed Man...
MXR9500G ETC1-MXR9500G Datasheet
243Kb / 5P
   Low Cost 짹1.5 g Tri Axis Accelerometer with Ratiometric Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com