Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3422 Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3422
Description  HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3422 Datasheet(HTML) 6 Page - Unisonic Technologies

  3422 Datasheet HTML 1Page - Unisonic Technologies 3422 Datasheet HTML 2Page - Unisonic Technologies 3422 Datasheet HTML 3Page - Unisonic Technologies 3422 Datasheet HTML 4Page - Unisonic Technologies 3422 Datasheet HTML 5Page - Unisonic Technologies 3422 Datasheet HTML 6Page - Unisonic Technologies 3422 Datasheet HTML 7Page - Unisonic Technologies 3422 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
UTC3422
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
6
QW-R105-029,A
ELECTRICAL CHARCTERISTIC
0
0.1
Temperature, Ta (℃)
INPUT OFFSET VOLTAGE DRIFT
VERSUS TEMPERATURE
0.2
0.3
0.4
-0.1
-0.2
-0.3
-0.4
-50 -25
0
25
50
75 100 125
3.0
3.5
Power Supply Voltage, Vcc (V)
SUPPLY CURRENT VERSUS SUPPLY
VOLTAGE (BOTH OP-AMPS)
4.0
4.5
5.0
2.5
2.0
1.5
1.0
0.5
0
3
0
6
9
12
15
18
21
24
27
30
3.0
3.5
Applied Output Voltage, Vo (V)
SINK CURRENT
4.0
4.5
5.0
2.5
2.0
1.5
1.0
0.5
0
-12
-15
-9
-6
-3
0
3
6
9
12
Ta=25℃
Vcc=±15V
Vid=1V
15
3.0
3.5
Applied Output Voltage, Vo (V)
SOURCE CURRENT
4.0
4.5
5.0
2.5
2.0
1.5
1.0
0.5
0
-12
-15
-9
-6
-3
0
3
6
9
12
Ta=25℃
Vcc=±15V
Vid=1V
15
0
5
Time (0.5μs/div)
SLEW RATE @ 30V
10
15
20
-5
-10
-15
-20
Ta=25℃
Vcc=±5V
Av=+1
RL=2kΩ
CL=100pF
0
0.2
Time (0.2μs/div)
SLEW RATE @30V
0.4
0.6
0.8
-0.2
-0.4
-0.6
-0.8
Ta=25℃
Vcc=+2V/-1V
Av=+1
RL=2kΩ
CL=100pF


Similar Part No. - 3422

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3422 ALLEGRO-3422 Datasheet
575Kb / 10P
   HALL-EFFECT, DIRECTION-DETECTION SENSORS
logo
Unisonic Technologies
3422 UTC-3422 Datasheet
241Kb / 6P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422 UTC-3422 Datasheet
189Kb / 7P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
Heyco.
3422 HEYCO-3422 Datasheet
106Kb / 1P
   Beaded Ties
logo
Schurter Inc.
3422.0003.11 SCHURTER-3422.0003.11 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
More results

Similar Description - 3422

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3422 UTC-3422_15 Datasheet
281Kb / 5P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
3422 UTC-3422_18 Datasheet
189Kb / 7P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
STMicroelectronics
TSH22 STMICROELECTRONICS-TSH22 Datasheet
539Kb / 11P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
Unisonic Technologies
3422 UTC-3422_11 Datasheet
241Kb / 6P
   HIGH PERFORMANCE DUAL BIPOLAR OPERATINAL AMPLIFIER
logo
STMicroelectronics
TSH24 STMICROELECTRONICS-TSH24 Datasheet
538Kb / 11P
   HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6358NM SANYO-LA6358NM Datasheet
105Kb / 4P
   High-Performance Dual Operational Amplifier
logo
STMicroelectronics
LS204 STMICROELECTRONICS-LS204_08 Datasheet
327Kb / 16P
   High performance dual operational amplifier
logo
Sanyo Semicon Device
LA6358NMM SANYO-LA6358NMM_08 Datasheet
281Kb / 6P
   High-Performance Dual Operational Amplifier
logo
NEC
UPC4558 NEC-UPC4558 Datasheet
309Kb / 10P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER???
UPC4559 NEC-UPC4559 Datasheet
207Kb / 8P
   HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER????
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com