Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1668 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1668
Description  DUAL TONE MELODY XMAS LIGHT CONTROL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1668 Datasheet(HTML) 3 Page - Unisonic Technologies

  1668 Datasheet HTML 1Page - Unisonic Technologies 1668 Datasheet HTML 2Page - Unisonic Technologies 1668 Datasheet HTML 3Page - Unisonic Technologies 1668 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTC1668
CMOSIC
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R120-002,A
SONG LIST
No.
SONG NAME
No.
SONG NAME
1
Angels we have heard on high
14
Santa Claus coming to down
2
Silent night
15
O Christmas tree
3
Away in a manger
16
Rudolph,the red-nosed reindeer
4
We three king of orient are
17
What child is this
5
Jingle balls
18
I saw three ships
6
We wish you a merry Christmas
19
O litter town of Bethlehem
7
The twelve days of Christmas
20
God rest you merry,gentlemen hark
8
Up on the housetop
21
Deck the halls
9
Jolly old saint nickel
22
The hearld angels sing
10
Good king wencelas
23
The snow lay on the ground
11
O come ,all ye faithful
24
Bring a torch
12
Joy to the world
25
The first noel
13
It came upon the midnight clear
APPLICATION CIRCUIT
AC110V
VDD
VDD1
22Ω
4.3V
470μ
0.68μ
APPLICATION DIAGRAM
VDD
TE
X
Y
TG
VSS
OPT
S1
S2
S3
S4
S5
VOL
E1
E2
BZ
VDD1
UTC1668
S3
S4
S5
VOL
OPT
VSS
TG
Y
116
89
VDD
VDD
X
TE
VDD
BZ
E2
E1
S1
S2
Rosc
SUBSTRATE: VDD
CHIP SIZE: 2.00 × 1.72mm
2
3.3μ
3.3μ
3.3K
75K
820
104
100μ
32Ω


Similar Part No. - 1668

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1668 MOTOROLA-1668 Datasheet
637Kb / 11P
   Dual Clocked Latch
logo
List of Unclassifed Man...
1668 ETC2-1668 Datasheet
297Kb / 1P
   SPACERS , STANDOFFS
1668 ETC2-1668 Datasheet
1Mb / 16P
   Its a complete tool kit that fits in your palm.
logo
Unisonic Technologies
1668 UTC-1668 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
PHOENIX CONTACT
1668014 PHOENIX-1668014 Datasheet
539Kb / 18P
   SAC-3P-M12MS/1,5-PUR - Sensor/actuator cable
More results

Similar Description - 1668

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1668 UTC-1668_18 Datasheet
151Kb / 5P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M668 MOSDESIGN-M668 Datasheet
135Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
2002-06-24
logo
List of Unclassifed Man...
M668 ETC1-M668 Datasheet
133Kb / 2P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
Unisonic Technologies
UTC1668 UTC-UTC1668 Datasheet
123Kb / 4P
   DUAL TONE MELODY XMAS LIGHT CONTROL
logo
List of Unclassifed Man...
M8077 ETC1-M8077 Datasheet
153Kb / 3P
   8 FUNCTIONS WITH MELODY XMAS LIGHT CONTROL
logo
MOSDESIGN SEMICONDUCTOR...
M80156 MOSDESIGN-M80156 Datasheet
238Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
2012-04-10
logo
List of Unclassifed Man...
M80156 ETC1-M80156 Datasheet
143Kb / 2P
   8 FUNCTIONS XMAS LIGHT CONTROL
RTS903 ETC1-RTS903 Datasheet
118Kb / 6P
   DUAL-TONE MELODY GENERATOR
M80002-4 ETC2-M80002-4 Datasheet
107Kb / 4P
   4 STRINGS XMAS LIGHT CONTROL
logo
Unisonic Technologies
8156 UTC-8156 Datasheet
42Kb / 5P
   8 FUNCTIONS XMAS LIGHT CONTROL
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com