Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N5088 Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. 2N5088
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N5088 Datasheet(HTML) 2 Page - Unisonic Technologies

  2N5088 Datasheet HTML 1Page - Unisonic Technologies 2N5088 Datasheet HTML 2Page - Unisonic Technologies 2N5088 Datasheet HTML 3Page - Unisonic Technologies 2N5088 Datasheet HTML 4Page - Unisonic Technologies 2N5088 Datasheet HTML 5Page - Unisonic Technologies 2N5088 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UTC 2N5088/2N5089 NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 2
QW-R201-040,A
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
(note)
2N5088
2N5089
V(BR)CEO IC=1.0mA, IB=0
30
25
V
V
Collector-Base Breakdown Voltage
2N5088
2N5089
V(BR)CBO IC=100µA, IE=0
35
30
V
V
Collector Cut-Off Current
2N5088
2N5089
ICBO
VCB=20V, IE=0
VCB=15V, IE=0
50
50
nA
nA
Emitter Cutoff Current
IEBO
VEB=3.0V, IC=0
VEB=4.5V, IC=0
50
100
nA
nA
ON CHARACTERISTICS
DC Current Gain
hFE
VCE=5.0V, IC=100µA
2N5088
2N5089
VCE=5.0V, IC=1.0mA
2N5088
2N5089
VCE=5.0V, IC=10mA
2N5088
(NOTE)
2N5089
300
400
350
450
300
400
900
1200
Collector-Emitter Saturation Voltage
VCE(sat) IC=10mA, IB=1.0mA
0.5
V
Base-Emitter On Voltage
VBE(on)
IC=10mA, VCE=5.0V
0.8
V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
VCE=5.0mA, Ic=500µA, f=20MHz
50
MHz
Collector-Base Capacitance
Ccb
VCB=5.0V, IE=0, f=100kHz
4
pF
Emitter-Base Capacitance
Ceb
VEB=0.5V, Ic=0, f=100kHz
10
pF
Small-Signal Current Gain
2N5088
2N5089
hFE
VCE=5.0V, Ic=1.0mA, f=1.0kHz
350
450
1400
1800
Noise Figure
2N5088
2N5089
NF
VCE=5.0V, Ic=100µA, Rs=10kΩ,
f=10KHz to 15.7kHz
3.0
2.0
dB
dB
Note: Pulse Test: Pulse Width
≤300µs, Duty Cycle≤2.0%.


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N5551NPN General Purpose Amplifier 1 2 3 4 5 Fairchild Semiconductor
2N3904NPN GENERAL PURPOSE AMPLIFIER 1 2 3 Unisonic Technologies
MMBT2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT5088NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
MMBT4401NPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2SC4617_04NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1 2 3 4 ON Semiconductor
IT120Dual NPN General Purpose Amplifier 1 2 Intersil Corporation
PN2222ANPN GENERAL PURPOSE AMPLIFIER 1 2 3 4 5 MoreUnisonic Technologies
2N5088NPN General Purpose Amplifier 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn