Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6285FS Datasheet(PDF) 5 Page - Rohm

Part # BA6285FS
Description  Reversible Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 5 Page - Rohm

  BA6285FS Datasheet HTML 1Page - Rohm BA6285FS Datasheet HTML 2Page - Rohm BA6285FS Datasheet HTML 3Page - Rohm BA6285FS Datasheet HTML 4Page - Rohm BA6285FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Contact us
Attached-1
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available,
please contact your nearest sales office.
Please contact our sales offices for details ;
Japan /
(Internal Sales)
(Contact address for overseas customers in Japan)
U.S.A / San Diego
Atlanta
Dallas
TEL : +1(858)625-3630
FAX : +1(858)625-3670
TEL : +1(770)754-5972
FAX : +1(770)754-0691
TEL : +1(972)312-8818
FAX : +1(972)312-0330
Taiwan / Taipei
TEL : +866(2)2500-6956
FAX : +866(2)2503-2869
Korea / Seoul
TEL : +82(2)8182-700
FAX : +82(2)8182-715
Singapore
TEL : +65-6332-2322
FAX : +65-6332-5662
Malaysia / Kuala Lumpur
TEL : +60(3)7958-8355
FAX : +60(3)7958-8377
Philippines / Manila
TEL : +63(2)807-6872
FAX : +63(2)809-1422
Thailand / Bangkok
TEL : +66(2)254-4890
FAX : +66(2)256-6334
Germany / Dusseldorf
TEL : +49(2154)9210
FAX : +49(2154)921400
United Kingdom / London TEL : +44(1)908-282-666
FAX : +44(1)908-282-528
France / Paris
TEL : +33(0)1 56 97 30 60 FAX : +33(0) 1 56 97 30 80
China / Hong Kong
TEL : +852(2)740-6262
FAX : +852(2)375-8971
Shanghai
TEL : +86(21)6279-2727
FAX : +86(21)6247-2066
Dilian
TEL : +86(411)8230-8549
FAX : +86(411)8230-8537
Beijing
TEL : +86(10)8525-2483
FAX : +86(10)8525-2489
As of 18th. April 2005
Tokyo
2-1-1, Yaesu, Chuo-ku, Tokyo 104-0082
TEL : +81(3)5203-0321
FAX : +81(3)5203-0300
Yokohama
TEL : +81(45)476-2131
FAX : +81(45)476-2128
Nagoya
Dainagayo Building 9F 3-28-12, Meieki, Nakamura-ku, Nagoya,Aichi 450-0002
TEL : +81(52)581-8521
FAX : +81(52)561-2173
Kyoto
579-32 Higashi Shiokouji-cho, Karasuma Nishi-iru, Shiokoujidori, Shimogyo-ku,
Kyoto 600-8216
TEL : +81(75)311-2121
FAX : +81(75)314-6559
2-4-8, Shin Yokohama, Kohoku-ku, Yokohama, Kanagawa 222-8575
FAX : +81(045)476-9271
TEL : +81(45)476-9270
Yokohama


Similar Part No. - BA6285FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
BA6285FS ROHM-BA6285FS Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6285FS ROHM-BA6285FS Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS ROHM-BA6285FS Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

Similar Description - BA6285FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
logo
Ceramate Technical
CMD6208 CERAMATE-CMD6208 Datasheet
86Kb / 3P
   Reversible Motor Driver
logo
Unisonic Technologies
UA9287 UTC-UA9287_12 Datasheet
146Kb / 4P
   REVERSIBLE MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com