Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP016A Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC100EP016A
Description  3.3 V ECL 8?묪it Synchronous Binary Up Counter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP016A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC100EP016A Datasheet HTML 3Page - ON Semiconductor MC100EP016A Datasheet HTML 4Page - ON Semiconductor MC100EP016A Datasheet HTML 5Page - ON Semiconductor MC100EP016A Datasheet HTML 6Page - ON Semiconductor MC100EP016A Datasheet HTML 7Page - ON Semiconductor MC100EP016A Datasheet HTML 8Page - ON Semiconductor MC100EP016A Datasheet HTML 9Page - ON Semiconductor MC100EP016A Datasheet HTML 10Page - ON Semiconductor MC100EP016A Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC100EP016A
http://onsemi.com
8
Applications Information (continued)
H
L
H
H
LLL
H
H
H
H
TC
PE
CE
TCLD
CLK
P7 P6
P4 P3 P2 P1 P0
P5
Q7 Q6
Q4 Q3 Q2 Q1 Q0
Q5
Figure 4. Mod 2 to 256 Programmable Divider
CLK
COUT
COUT
To determine what value to load into the device to
accomplish the desired division, the designer simply
subtracts the binary equivalent of the desired divide ratio
from the binary value for 256. As an example for a divide
ratio of 113:
Pn’s = 256 − 113 = 8F16 = 1000 1111
where:
P0 = LSB and P7 = MSB
Forcing this input condition as per the setup in Figure 4
will result in the waveforms of Figure 5. Note that the TC
output is used as the divide output and the pulse duration is
equal to a full clock period. For even divide ratios, twice the
desired divide ratio can be loaded into the EP016A and the
TC output can feed the clock input of a toggle flip flop to
create a signal divided as desired with a 50% duty cycle.
Table 9. Preset Values for Various Divide Ratios
Divide
Ratio
Preset Data Inputs
P7
P6
P5
P4
P3
P2
P1
P0
2
H
H
H
H
H
H
H
L
3
H
H
HHHH
L
H
4
H
H
HHHH
L
L
5
H
H
HHH
L
H
H
•••••
•••••
112
H
L
L
H
LLL
L
113
H
L
L
L
HHH
H
114
H
L
L
L
HHH
L
•••••
•••••
254
L
L
LLLL
H
L
255
L
L
LLLLL
H
256
L
L
L
L
L
L
L
L
A single EP016A can be used to divide by any ratio from
2 to 256 inclusive. If divide ratios of greater than 256 are
needed multiple EP016As can be cascaded in a manner
similar to that already discussed. When EP016As are
cascaded to build larger dividers the TCLD pin will no
longer provide a means for loading on terminal count.
Because one does not want to reload the counters until all of
the devices in the chain have reached terminal count,
external gating of the TC pins must be used for multiple
EP016A divider chains.
•••
PE
•••
•••
CLK
TC
Load
DIVIDE BY 113
Load
1001 0000 1001 0001
1111 1100
1111 1101
1111 1110
1111 1111
Figure 5. Divide by 113 EP016A Programmable Divider Waveforms


Similar Part No. - MC100EP016A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC100EP016AFA ONSEMI-MC100EP016AFA Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC100EP016AFAR2 ONSEMI-MC100EP016AFAR2 Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
More results

Similar Description - MC100EP016A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016_06 Datasheet
175Kb / 12P
   5.0 V ECL 8?묪it Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC100EP016AMNG ONSEMI-MC100EP016AMNG Datasheet
137Kb / 13P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
March, 2008 - Rev. 9
MC100EP016A ONSEMI-MC100EP016A Datasheet
98Kb / 12P
   3.3 V ECL 8-Bit Synchronous Binary Up Counter
May 2004 ??Rev. 4
MC10EP016 ONSEMI-MC10EP016_06 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016_16 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
MC10E016 ONSEMI-MC10E016_16 Datasheet
183Kb / 11P
   5.0VECL8?륛it Synchronous Binary Up Counter
July, 2016 ??Rev. 8
MC10E016 ONSEMI-MC10E016_08 Datasheet
181Kb / 12P
   5.0 VECL 8.Bit Synchronous Binary Up Counter
February, 2006 ??Rev. 7
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com