Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HE8051 Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. HE8051
Description  LOW VOLTAGE HIGH CURRENT SMALL SIGNAL NPN TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

HE8051 Datasheet(HTML) 1 Page - Unisonic Technologies

  HE8051 Datasheet HTML 1Page - Unisonic Technologies HE8051 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTC HE8051
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R201-046,A
LOW VOLTAGE HIGH CURRENT
SMALL SIGNAL NPN TRANSISTOR
DESCRIPTION
The UTC HE8051 is a low voltage high current small
signal NPN transistor, designed for Class B push-pull 2W
audio amplifier for portable radio and general purpose
applications.
FEATURES
*Collector current up to 1.5A
*Collector-Emitter voltage up to 25 V
*complimentary to UTC HE8551
TO-92
1
1:EMITTER 2:BASE 3:COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
40
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
6
V
Collector Dissipation(Ta=25
°C)
Pc
1
W
Collector Current
Ic
1.5
A
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
Ic=100
µA,IE=0
40
V
Collector-Emitter Breakdown Voltage
BVCEO
Ic=2mA,IB=0
25
V
Emitter-Base Breakdown Voltage
BVEBO
IE=100
µA,Ic=0
6
V
Collector Cut-Off Current
ICBO
VCB=35V,IE=0
100
nA
Emitter Cut-Off Current
IEBO
VEB=6V,Ic=0
100
nA
DC Current Gain
hFE1
hFE2
hFE3
VCE=1V,Ic=5mA
VCE=1V,Ic=100mA
VCE=1V,Ic=800mA
45
85
40
135
160
110
500
Collector-Emitter Saturation Voltage
VCE(sat)
Ic=800mA,IB=80mA
0.5
V
Base-Emitter Saturation Voltage
VBE(sat)
Ic=800mA,IB=80mA
1.2
V
Base-Emitter Saturation Voltage
VBE
VCE=1V,Ic=10mA
1.0
V
Current Gain Bandwidth Product
fT
VCE=10V,Ic=50mA
100
MHz
Output Capacitance
Cob
VCB=10V,IE=0
f=1MHz
9.0
pF


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn