Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IS61LV12816 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part No. IS61LV12816
Description  128K x 16 HIGH-SPEED CMOS STATIC RAM WITH 3.3V SUPPLY
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISSI [Integrated Silicon Solution, Inc]
Homepage  http://www.issi.com
Logo 

IS61LV12816 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Rev. C
02/05/2003
IS61LV12816
ISSI®
Copyright © 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
FEATURES
• High-speed access time: 10, 12, and 15 ns
• CMOS low power operation
• TTL and CMOS compatible interface levels
• Single 3.3V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Three state outputs
• Data control for upper and lower bytes
• Industrial temperature available
128K x 16 HIGH-SPEED CMOS STATIC RAM
WITH 3.3V SUPPLY
DESCRIPTION
The
ISSI IS61LV12816 is a high-speed, 2,097,152-bit static
RAM organized as 131,072 words by 16 bits. It is fabricated
using
ISSI's high-performance CMOS technology. This
highly reliable process coupled with innovative circuit design
techniques, yields access times as fast as 10 ns with low
power consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61LV12816 is packaged in the JEDEC standard 44-
pin 400-mil SOJ, 44-pin TSOP (Type II), 44-pin LQFP, and
48-pin mini BGA (6mm x 8mm).
FUNCTIONAL BLOCK DIAGRAM
FEBRUARY 2003
A0-A16
CE
OE
WE
128K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn