Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSD1792A Datasheet(PDF) 24 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DSD1792A
Description  24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DSD1792A Datasheet(HTML) 24 Page - Burr-Brown (TI)

Back Button DSD1792A Datasheet HTML 20Page - Burr-Brown (TI) DSD1792A Datasheet HTML 21Page - Burr-Brown (TI) DSD1792A Datasheet HTML 22Page - Burr-Brown (TI) DSD1792A Datasheet HTML 23Page - Burr-Brown (TI) DSD1792A Datasheet HTML 24Page - Burr-Brown (TI) DSD1792A Datasheet HTML 25Page - Burr-Brown (TI) DSD1792A Datasheet HTML 26Page - Burr-Brown (TI) DSD1792A Datasheet HTML 27Page - Burr-Brown (TI) DSD1792A Datasheet HTML 28Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
DSD1792A
SLES106B − FEBRUARY 2004 − REVISED NOVEMBER 2006
www.ti.com
24
DME: Digital De-Emphasis Control
This bit is available for read and write.
Default value: 0
DME = 0
De-emphasis disabled (default)
DME = 1
De-emphasis enabled
The DME bit is used to enable or disable the de-emphasis function for both channels.
MUTE: Soft Mute Control
This bit is available for read and write.
Default value: 0
MUTE = 0
MUTE disabled (default)
MUTE = 1
MUTE enabled
The MUTE bit is used to enable or disable the soft mute function for both channels.
Soft mute is operated as a 256-step attenuator. The speed for each step to –
∞ dB (mute) is determined by the attenuation
rate selected in the ATS register.
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
Register 19
R/W
0
0
1
0
0
1
1
REV
ATS1
ATS0
OPE
ZOE
DFMS
FLT
INZD
R/W: Read/Write Mode Select
When R/W = 0, a write operation is performed.
When R/W = 1, a read operation is performed.
Default value: 0
REV: Output Phase Reversal
This bit is available for read and write.
Default value: 0
REV = 0
Normal output (default)
REV = 1
Inverted output
The REV bit is used to invert the output phase for both channels.
ATS[1:0]: Attenuation Rate Select
These bits are available for read and write.
Default value: 00
ATS[1:0]
Attenuation Rate Selection
00
PLRCK/1 (default)
01
PLRCK/2
10
PLRCK/4
11
PLRCK/8
The ATS[1:0] bits are used to select the rate at which the attenuator is decremented/incremented during level transitions.


Similar Part No. - DSD1792A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DSD1792A TI1-DSD1792A Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADB TI1-DSD1792ADB Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADBG4 TI1-DSD1792ADBG4 Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADBR TI1-DSD1792ADBR Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1792ADBRG4 TI1-DSD1792ADBRG4 Datasheet
640Kb / 57P
[Old version datasheet]   24-BIT, 192-KHZ SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DSD1792A

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM1796 BURR-BROWN-PCM1796_06 Datasheet
706Kb / 60P
   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DSD1791 TI-DSD1791 Datasheet
446Kb / 53P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1730 TI-PCM1730 Datasheet
366Kb / 24P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1794A BURR-BROWN-PCM1794A Datasheet
294Kb / 30P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
logo
Texas Instruments
DSD1794A TI-DSD1794A Datasheet
535Kb / 49P
[Old version datasheet]   24-BIT,192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
DSD1791 TI1-DSD1791_08 Datasheet
654Kb / 56P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
PCM1791A TI-PCM1791A Datasheet
490Kb / 58P
[Old version datasheet]   24-BIT, 192-kHz SAMPLING, ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DSD1792 BURR-BROWN-DSD1792 Datasheet
478Kb / 10P
   24 bit 192 khz SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
DSD1793 TI1-DSD1793_08 Datasheet
604Kb / 50P
[Old version datasheet]   24 BIT 192 KHZ SAMPLING ADVANCED SEGMENT AUDIO STEREO DIGITAL TO ANALOG CONVERTER
logo
Burr-Brown (TI)
PCM1792A BURR-BROWN-PCM1792A Datasheet
487Kb / 59P
   24-bit,192-khz sampling,advanced segment, audio stereo digital-to-analog converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com