Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCX132 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # 74VCX132
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX132 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button 74VCX132 Datasheet HTML 2Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 3Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 4Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 5Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 6Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 7Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 8Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 9Page - Fairchild Semiconductor 74VCX132 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241, 2.5 x 3.0mm
Package Number MLP014A


Similar Part No. - 74VCX132

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCX132 FAIRCHILD-74VCX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132M FAIRCHILD-74VCX132M Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132MTC FAIRCHILD-74VCX132MTC Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
More results

Similar Description - 74VCX132

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ALVC132 FAIRCHILD-74ALVC132 Datasheet
94Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74VCX132 FAIRCHILD-74VCX132 Datasheet
65Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
74ALVC00 FAIRCHILD-74ALVC00 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX00FT TOSHIBA-TC74VCX00FT Datasheet
265Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX00 FAIRCHILD-74VCX00_05 Datasheet
514Kb / 10P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
74VCX00 FAIRCHILD-74VCX00 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input NAND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7SA00F TOSHIBA-TC7SA00F Datasheet
293Kb / 8P
   LOW-VOLTAGE 2-INPUT NAND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC08 FAIRCHILD-74ALVC08 Datasheet
89Kb / 5P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT Datasheet
274Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX08 FAIRCHILD-74VCX08 Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com