Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74VCX132 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. 74VCX132
Description  Low Voltage Quad 2-Input NAND Gate with Schmitt Trigger Inputs and 3.6V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

74VCX132 Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500164
www.fairchildsemi.com
July 1999
Revised February 2005
74VCX132
Low Voltage Quad 2-Input NAND Gate
with Schmitt Trigger Inputs
and 3.6V Tolerant Inputs and Outputs
General Description
The VCX132 contains four 2-input NAND gates with
Schmitt Trigger Inputs. The pin configuration and function
are the same as the VCX00 except the inputs have hyster-
esis between the positive-going and negative-going input
thresholds. This hysteresis is useful for transforming slowly
switching input signals into sharply defined, jitter-free out-
put signals. This product should be used where noise mar-
gin greater than that of conventional gates is required.
The VCX132 is designed for low voltage (1.4V to 3.6V) VCC
applications with I/O compatibility up to 3.6V.
This product is fabricated with an advanced CMOS tech-
nology to achieve high-speed operation while maintaining
low CMOS power dissipation.
Features
s 1.4V to 3.6V VCC supply operation
s 3.6V tolerant inputs and outputs
s tPD
3.3 ns max for 3.0V to 3.6V VCC
s Power-off high impedance inputs and outputs
s Static Drive (IOH/IOL)
r24 mA @ 3.0V VCC
s Uses patented Quiet Series
¥ noise/EMI reduction
circuitry
s Latchup performance exceeds JEDEC 78 conditions
s ESD performance:
Human body model
! 2000V
Machine model
! 250V
s Leadless Pb-Free DQFN package
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Pb-Free package per JEDEC J-STD-020B.
Note 1: DQFN package available in Tape and Reel only.
Quiet Series
¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number Package Number
Package Description
74VCX132M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74VCX132BQX
(Note 1)
MLP014A
Pb-Free 14-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC
MO-241, 2.5 x 3.0mm
74VCX132MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn