Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60L-TF3-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 4N60L-TF3-T
Description  4 Amps, 600 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60L-TF3-T Datasheet(HTML) 6 Page - Unisonic Technologies

  4N60L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 6Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 7Page - Unisonic Technologies 4N60L-TF3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R502-061,E
TYPICAL CHARACTERISTICS
-100
Junction Temperature, TJ (℃)
-50
50
200
100 150
1.2
0
1.1
1.0
0.9
0.8
Note:
1. VGS=0V
2. ID=250µA
Breakdown Voltage Variation vs.
Temperature
-100
Junction Temperature, TJ (℃)
-50
50
200
100 150
3.0
0
2.0
1.0
0.5
0.0
1.5
2.5
On-Resistance Junction Temperature
Note:
1. VGS=10V
2. ID=4A
10
1
0.1
Drain-Source Voltage, VDS (V)
100
10
1
100µs
1000
10ms
1ms
DC
Operation in This Area is Limited by
RDS(on)
Maximum Safe Operating Area
Case Temperature, TC (℃)
75 100
0
125
50
25
1
2
3
4
5
Maximum Drain Current vs. Case
Temperature
Notes:
1. TJ=25℃
2. TJ=150℃
3. Single Pulse
10
1
10
0.1
1
Drain-to-Source Voltage, VDS (V)
On-State Characteristics
0.1
2
Gate-Source Voltage, VGS (V)
Transfer Characteristics
46
8
10
150℃
Notes:
1. VDS=50V
2. 250µs Pulse Test
10
1
0.1
25℃
5.0V
Notes:
1. 250µs Pulse Test
2. TC=25℃
VGS
Top :
10V
9V
8V
7V
6V
5.5V
5 V
Bottorm :5.0V


Similar Part No. - 4N60L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
376Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
408Kb / 9P
   4A, 600V N-CHANNEL POWER MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
432Kb / 9P
   N-CHANNEL ENHANCEMENT MODE MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
253Kb / 7P
   N-CHANNEL POWER MOSFET
4N60L-TF3-T UTC-4N60L-TF3-T Datasheet
262Kb / 7P
   N-CHANNEL JUNCTIN SILICON FET
More results

Similar Description - 4N60L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com