Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4N60 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 4N60
Description  4 Amps, 600 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N60 Datasheet(HTML) 2 Page - Unisonic Technologies

  4N60 Datasheet HTML 1Page - Unisonic Technologies 4N60 Datasheet HTML 2Page - Unisonic Technologies 4N60 Datasheet HTML 3Page - Unisonic Technologies 4N60 Datasheet HTML 4Page - Unisonic Technologies 4N60 Datasheet HTML 5Page - Unisonic Technologies 4N60 Datasheet HTML 6Page - Unisonic Technologies 4N60 Datasheet HTML 7Page - Unisonic Technologies 4N60 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
4N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-061,E
ABSOLUTE MAXIMUM RATINGS (TC = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current - (Note 1)
IAR
4.4
A
TC = 25°C
4.0
A
Continuous Drain Current
TC = 100°C
ID
2.8
A
Pulsed Drain Current, TP Limited by TJMAX - (Note 1)
IDM
16
A
Avalanche Energy, Single Pulsed (Note 2)
EAS
260
mJ
Avalanche Energy, Repetitive, Limited by TJMAX
EAR
10.6
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
Power Dissipation (TC = 25°C)
PD
106
W
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-55 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
θJA
62.5
°C/W
Junction-to-Case
θJC
3
°C/W
Case-to-Sink
θCS
0.5
°C/W
ELECTRICAL CHARACTERISTICS (TC =25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
600
V
VDS = 600 V, VGS = 0 V
10
µA
Drain-Source Leakage Current
IDSS
VDS = 480 V, TC = 125°C
100
µA
Forward
VGS = 30 V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
BV
DSS/△TJ
ID = 250 µA, Referenced to 25°C
0.6
V/℃
On Characteristics
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
4.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 2.2 A
2.5
Forward Transconductance
gFS
VDS = 50 V, ID = 2.2 A (Note 4)
4.0
S
Dynamic Characteristics
Input Capacitance
CISS
520 670
pF
Output Capacitance
COSS
70
90
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0 V, f = 1MHz
8
11
pF
Switching Characteristics
Turn-On Delay Time
tD(ON)
13
35
ns
Turn-On Rise Time
tR
45
100
ns
Turn-Off Delay Time
tD(OFF)
25
60
ns
Turn-Off Fall Time
tF
VDD = 300V, ID = 4.0 A, RG = 25Ω
(Note 4, 5)
35
80
ns
Total Gate Charge
QG
15
20
nC
Gate-Source Charge
QGS
3.4
nC
Gate-Drain Charge
QDD
VDS= 480V,ID= 4.0A, VGS= 10 V
(Note 4, 5)
7.1
nC


Similar Part No. - 4N60

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
4N60 ESTEK-4N60 Datasheet
543Kb / 5P
   4 Amps竊?00Volts N-Channel MOSFET
logo
ARTSCHIP ELECTRONICS CO...
4N60 ARTSCHIP-4N60 Datasheet
987Kb / 7P
   N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
logo
VBsemi Electronics Co.,...
4N60 VBSEMI-4N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60 Datasheet
376Kb / 8P
   4A, 600V N-CHANNEL POWER MOSFET
More results

Similar Description - 4N60

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4N60 UTC-4N60_10 Datasheet
397Kb / 8P
   4 Amps, 600/650 Volts N-CHANNEL POWER MOSFET
2N60 UTC-2N60 Datasheet
142Kb / 8P
   2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60P FS-FTK7N60P Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
FTK10N60PD FS-FTK10N60PD Datasheet
373Kb / 7P
   10 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60A UTC-1N60A Datasheet
139Kb / 8P
   0.5 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK7N60PD FS-FTK7N60PD Datasheet
248Kb / 6P
   7.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
1N60 UTC-1N60 Datasheet
143Kb / 8P
   1.2 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK1N60 FS-FTK1N60 Datasheet
222Kb / 7P
   1.0 Amps, 600 Volts N-CHANNEL MOSFET
logo
Unisonic Technologies
15N60 UTC-15N60 Datasheet
165Kb / 6P
   15 Amps, 600 Volts N-CHANNEL MOSFET
logo
First Silicon Co., Ltd
FTK2N60P FS-FTK2N60P Datasheet
301Kb / 7P
   2 Amps, 600 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com