Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3050 Datasheet(PDF) 3 Page - Rohm

Part # 2SK3050
Description  10V Drive Nch MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3050 Datasheet(HTML) 3 Page - Rohm

  2SK3050_1 Datasheet HTML 1Page - Rohm 2SK3050_1 Datasheet HTML 2Page - Rohm 2SK3050_1 Datasheet HTML 3Page - Rohm 2SK3050_1 Datasheet HTML 4Page - Rohm 2SK3050_1 Datasheet HTML 5Page - Rohm 2SK3050_1 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK3050
Transistors
Rev.A
3/5
Electrical characteristic curves
1
1000
500
200
100
50
5
210 20
10
5
1
2
0.5
0.05
0.02
0.1
0.2
0.01
Tc
=25°C
Single pulse
DRAIN-SOURCE VOLTAGE : VDS
(V)
Fig.1 Maximum safe operating area
Operation
in
this
area
is
limited
by
RDS(on)
10ms
10
89
6
4
27
5
3
1
0.4
0.8
1.2
1.6
2.0
0
0
DRAIN-SOURCE VOLTAGE : VDS
(V)
Fig.2 Typical output characteristics
VGS
=10V
5.5V
5V
4.5V
6V
Ta
=25°C
Pulsed
5
2
1
0.5
0.2
0.1
0.05
0.02
01234567
8
Fig.3 Typical transfer characteristics
GATE-SOURCE VOLTAGE : VGS
(V)
25
°C
125
°C
Ta
=−25°C
75
°C
VDS
=10V
Pulsed
−50
25
0
150
6
4
2
5
3
1
0
−25
50
75
100 125
CHANNEL TEMPERATURE : Tch
(
°C)
Fig.4 Gate threshold voltage
vs. channel temperature
VDS
=10V
lD
=1mA
10
50
100
0.1
0.2
0.5
0.01 0.02
0.05
12
5
10
Pulsed
VGS
=10V
2
5
20
DRAIN CURRENT : I D
(A)
Fig.5 Static drain-source on-state
resistance vs. drain current
Ta
=125°C
75
°C
−25°C
25
°C
20
8
9
010
15
25
3
4
5
6
7
53
GATE-SOURCE VOLTAGE : VGS
(V)
Fig.6 Static drain-source on-state
resistance vs. gate-source voltage
0
Ta
=25°C
Pulsed
ID
=2A
1A
0
−50
150
50
100
0
−25
25
75
125
15
10
5
Pulsed
VGS
=10V
Fig.7 Static drain-source on-state
resistance vs. channel temperature
CHANNEL TEMPERATURE : Tch
(
°C)
ID
=2A
1A
0.1
1
0.1 0.2
0.5
0.01 0.02 0.05
12
10
5
Pulsed
VDS
=10V
Ta
=−25°C
75
°C
125
°C
25
°C
0.02
0.05
0.2
0.5
2
DRAIN CURRENT : I D
(A)
Fig.8 Forward transfer admittance
vs. drain current
0.05
0.02
0.1
0.2
0.5
1
2
5
0
0.4
0.6
0.8
0.2
1.0
1.4
1.2
Ta
=125°C
75
°C
−25°C
25
°C
Fig.9 Reverse drain current
vs. source-drain voltage (
Ι )
SOURCE-DRAIN VOLTAGE : VSD
(V)
VGS
=0V
Pulsed


Similar Part No. - 2SK3050_1

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3050DFN KEXIN-2SK3050DFN Datasheet
921Kb / 6P
   N-Channel MOSFET
More results

Similar Description - 2SK3050_1

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2715 ROHM-2SK2715_1 Datasheet
79Kb / 5P
   10V Drive Nch MOS FET
RDX050N50 ROHM-RDX050N50 Datasheet
59Kb / 3P
   10V Drive Nch MOS FET
RDX120N50 ROHM-RDX120N50 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX060N60 ROHM-RDX060N60 Datasheet
68Kb / 3P
   10V DRIVE NCH MOS FET
RDX100N60 ROHM-RDX100N60 Datasheet
61Kb / 3P
   10V Drive Nch MOS FET
RDX030N60 ROHM-RDX030N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RDX080N50 ROHM-RDX080N50 Datasheet
67Kb / 3P
   10V Drive Nch MOS FET
RDX045N60 ROHM-RDX045N60 Datasheet
89Kb / 3P
   10V Drive Nch MOS FET
RK3055E ROHM-RK3055E_1 Datasheet
95Kb / 5P
   10V Drive Nch MOS FET
UM5K1N ROHM-UM5K1N_06 Datasheet
81Kb / 4P
   2.5V Drive NchNch MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com