Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK2504 Datasheet(PDF) 4 Page - Rohm

Part # 2SK2504
Description  4V Drive Nch MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK2504 Datasheet(HTML) 4 Page - Rohm

  2SK2504 Datasheet HTML 1Page - Rohm 2SK2504 Datasheet HTML 2Page - Rohm 2SK2504 Datasheet HTML 3Page - Rohm 2SK2504 Datasheet HTML 4Page - Rohm 2SK2504 Datasheet HTML 5Page - Rohm 2SK2504 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SK2504
Transistors
Rev.A
4/5
0.05
0.1
0.2
0.5
1
2
5
10
0
0.5
1.0
1.5
VGS
=0V
Pulsed
Ta
=125°C
75
°C
−25°C
25
°C
Fig.10 Reverse Drain Current
vs. Source-Drain Voltage (
Ι )
SOURCE-DRAIN VOLTAGE : VSD (V)
5
1
0.5
0
1.0
1.5
0.01
0.05
0.1
0.5
VGS
=10V
0V
Ta
=25°C
Pulsed
Fig.11 Reverse Drain Current
vs. Source-Drain Voltage (
ΙΙ )
SOURCE-DRAIN VOLTAGE : VSD (V)
10000
1000
100
10
0.1
1
10
100
VGS
=0V
f
=1MHz
Ta
=25
°C
Ciss
Coss
Crss
Fig.12 Typical Capacitance
vs. Drain-Source Voltage
DRAIN-SOURCE VOLTAGE : VDS (V)
2
5
10
20
50
100
200
500
1000
0.1
0.05
0.2
0.5
1
2
5
10
DRAIN CURRENT : I D
(A)
Fig.13
Switching characteristics
(See Figures 16 and 17 for
the measurement circuit and
resultant waveforms)
Ta
=25°C
VDD
=30V
VGS
=10V
RG
=10Ω
Pulsed
td(on)
tr
td(off)
tf
10
0.2
0.5
500
1000
100
50
12
5
1
REVERSE DRAIN CURRENT : IDR
(A)
0
Fig.14 Reverse Recovery Time
vs. Reverse Drain Current
0.1
Ta
=25°C
di/dt
=100A/µs
VGS
=0V
Pulsed
PULSE WIDTH : PW
(s)
Fig.15 Normalized Transient Thermal Resistance vs. Pulse Width
10
µ
100
µ
1m
10m
100m
1
10
10
1
0.1
0.01
0.001
0.02
0.05
0.1
D=1
0.2
0.5
Tc=25
°C
θth(ch-c) (t)=r (t) θth(ch-c)
θth(ch-c)=6.25°C/W
PW
T
D=PW
T
Single pulse
0.01


Similar Part No. - 2SK2504

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
134Kb / 4P
   Small switching (100V, 5A)
logo
Guangdong Kexin Industr...
2SK2504 KEXIN-2SK2504 Datasheet
43Kb / 1P
   Silicon N-Channel MOSFET
logo
Rohm
2SK2504 ROHM-2SK2504 Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
logo
Inchange Semiconductor ...
2SK2504 ISC-2SK2504 Datasheet
377Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Rohm
2SK2504TL ROHM-2SK2504TL Datasheet
95Kb / 6P
   4V Drive Nch MOS FET
More results

Similar Description - 2SK2504

ManufacturerPart #DatasheetDescription
logo
Rohm
SM6K2 ROHM-SM6K2_1 Datasheet
77Kb / 5P
   4V Drive NchNch MOS FET
US6K2 ROHM-US6K2 Datasheet
59Kb / 3P
   4V Drive NchNch MOS FET
RSS095N05 ROHM-RSS095N05 Datasheet
130Kb / 5P
   4V Drive Nch MOS FET
RHK003N06T146 ROHM-RHK003N06T146 Datasheet
61Kb / 3P
   4V Drive Nch MOS FET
2SK2503 ROHM-2SK2503_1 Datasheet
97Kb / 6P
   4V Drive Nch MOS FET
2SK2094 ROHM-2SK2094_1 Datasheet
95Kb / 5P
   4V Drive Nch MOS FET
RHK003N06FRA ROHM-RHK003N06FRA Datasheet
1Mb / 5P
   4V Drive Nch MOS FET
RHP030N03 ROHM-RHP030N03 Datasheet
56Kb / 3P
   4V Drive Nch MOS FET
RSR025N03TL ROHM-RSR025N03TL Datasheet
65Kb / 4P
   4V Drive Nch MOS FET
RSR020N06 ROHM-RSR020N06 Datasheet
199Kb / 4P
   4V Drive Nch MOS FET
RHK003N06 ROHM-RHK003N06 Datasheet
65Kb / 3P
   4V Drive Nch MOS FET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com