Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB11NM60T4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB11NM60T4
Description  N-channel 650V TJmax - 0.4OHM - 11A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM60T4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB11NM60T4 Datasheet HTML 6Page - STMicroelectronics STB11NM60T4 Datasheet HTML 7Page - STMicroelectronics STB11NM60T4 Datasheet HTML 8Page - STMicroelectronics STB11NM60T4 Datasheet HTML 9Page - STMicroelectronics STB11NM60T4 Datasheet HTML 10Page - STMicroelectronics STB11NM60T4 Datasheet HTML 11Page - STMicroelectronics STB11NM60T4 Datasheet HTML 12Page - STMicroelectronics STB11NM60T4 Datasheet HTML 13Page - STMicroelectronics STB11NM60T4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
STP11NM60-STP11NM60FP-STB11NM60-STB11NM60-1
10/16
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Similar Part No. - STB11NM60T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NM60 STMICROELECTRONICS-STB11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
logo
Inchange Semiconductor ...
STB11NM60 ISC-STB11NM60 Datasheet
312Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB11NM60-1 STMICROELECTRONICS-STB11NM60-1 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
logo
Inchange Semiconductor ...
STB11NM60-1 ISC-STB11NM60-1 Datasheet
356Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STB11NM60A-1 STMICROELECTRONICS-STB11NM60A-1 Datasheet
367Kb / 11P
   N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
More results

Similar Description - STB11NM60T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11NM60 STMICROELECTRONICS-STP11NM60 Datasheet
548Kb / 12P
   N-CHANNEL 600V - 0.4ohm-11A TO-220/TO-220FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STP11NM60A STMICROELECTRONICS-STP11NM60A Datasheet
367Kb / 11P
   N-CHANNEL 600V - 0.4ohm - 11A TO-220/TO-220FP/I2PAK MDmesh?줡ower MOSFET
STP20NM50 STMICROELECTRONICS-STP20NM50 Datasheet
532Kb / 16P
   N-CHANNEL 500V - 0.20ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP20NM60 STMICROELECTRONICS-STP20NM60 Datasheet
355Kb / 15P
   N-CHANNEL 600V - 0.25ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh Power MOSFET
STP11NM80 STMICROELECTRONICS-STP11NM80 Datasheet
582Kb / 14P
   N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
STP12NM50 STMICROELECTRONICS-STP12NM50_06 Datasheet
544Kb / 17P
   N-channel 550V @ tjmax - 0.30廓 - 12A TO-220/FP/D2/I2PAK MDmesh??Power MOSFET
STP22NM50 STMICROELECTRONICS-STP22NM50 Datasheet
356Kb / 10P
   N-CHANNEL 500V - 0.16ohm - 20A TO-220/FP/D2PAK/I2PAK MDmesh?줡ower MOSFET
STB12NM50N STMICROELECTRONICS-STB12NM50N Datasheet
510Kb / 18P
   N-channel 500V - 0.29廓 - 11A - TO-220 /FP- D2PAK - DPAK Second generation MDmesh??Power MOSFET
STB8NM60 STMICROELECTRONICS-STB8NM60 Datasheet
489Kb / 16P
   N-CHANNEL 650V Tjmax-0.9ohm-8A TO-220/FP/D/IPAK/D2PAK STripFET II MOSFET
STP22NM60 STMICROELECTRONICS-STP22NM60 Datasheet
386Kb / 11P
   N-CHANNEL 600V - 0.19 ohm - 22A TO-220/FP/D2PAK/I2PAK/TO-247 MDmesh?줡ower MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com